Electronic Components Datasheet Search
  English  ▼

X  

ADL5390 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5390
Description  RF/IF Vector Multiplier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5390 Datasheet(HTML) 3 Page - Analog Devices

  ADL5390 Datasheet HTML 1Page - Analog Devices ADL5390 Datasheet HTML 2Page - Analog Devices ADL5390 Datasheet HTML 3Page - Analog Devices ADL5390 Datasheet HTML 4Page - Analog Devices ADL5390 Datasheet HTML 5Page - Analog Devices ADL5390 Datasheet HTML 6Page - Analog Devices ADL5390 Datasheet HTML 7Page - Analog Devices ADL5390 Datasheet HTML 8Page - Analog Devices ADL5390 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADL5390
Rev. A | Page 3 of 23
SPECIFICATIONS
VS = 5 V, TA = 25°C, ZO = 50 Ω, FRF = 380 MHz, single-ended source drive to INPI and INPQ, and INMI and INMQ are ac-coupled to
common, unless otherwise noted. 66.5 Ω termination resistors before ac-coupling capacitors on INPI and INPQ. The specifications refer
to one active channel with the other channel input terminated in 50 Ω. The common-mode level for the gain control inputs is 0.5 V. A
maximum gain setpoint of 1.0 refers to a differential gain control voltage of 0.5 V.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
20
2400
MHz
Gain Control Range
Relative to maximum gain
35
dB
GAIN CONTROL INTERFACE (I and Q)
QBBP, QBBM, IBBM, IBBP (Pins 4, 5, 14, 15)
Gain Scaling
3.5
1/V
Modulation Bandwidth
500 mV p-p, sinusoidal baseband input single-
ended
230
MHz
Second Harmonic Distortion
500 mV p-p, 1 MHz, sinusoidal baseband input
differential
45
dBc
Third Harmonic Distortion
500 mV p-p, 1 MHz, sinusoidal baseband input
differential
55
dBc
Step Response
For gain from −15 dB to +5 dB
45
ns
For gain from +5 dB to −15 dB
47
ns
FRF = 70 MHz
Maximum Gain
Maximum gain setpoint
4.6
dB
Gain Conformance
Over gain setpoint of 0.2 to 1.0
0.25
dB
Output Noise Floor
Maximum gain setpoint, no RF input
−149
dBm/Hz
RF PIN = −5 dBm, frequency offset = 20 MHz
−146
dBm/Hz
Output IP3
FRF1 = 70 MHz, FRF2 = 72.5 MHz, maximum gain
setpoint
23
dBm
Output 1 dB Compression Point
Maximum gain setpoint
10.7
dBm
Input 1 dB Compression Point
Gain setpoint = 0.1
6.7
dBm
Gain Flatness
Over any 60 MHz bandwidth
0.25
dB
Gain Matching
At maximum gain setpoint
0.5
dB
Phase Matching
At maximum gain setpoint
±0.25
Degrees
Input Impedance
INPI, INMI, INMQ, INMP (Pins 20, 21, 22, 23)
250||1
Ω||pF
Output Return Loss
RFOP, RFOM (Pins 9, 10) measured through
balun
9.7
dB
FRF = 140 MHz
Maximum Gain
Maximum gain setpoint
4.5
dB
Gain Conformance
Over gain setpoint of 0.2 to 1.0
0.25
dB
Output Noise Floor
Maximum gain setpoint, no RF input
−144
dBm/Hz
RF PIN = −5 dBm, frequency offset = 20 MHz
−145
dBm/Hz
Output IP3
FRF1 = 140 MHz, FRF2 = 142.5 MHz, maximum
gain setpoint
24.4
dBm
Output 1 dB Compression Point
Maximum gain setpoint
11
dBm
Input 1 dB Compression Point
Gain setpoint = 0.1
7.1
dBm
Gain Flatness
Over any 60 MHz bandwidth
0.25
dB
Gain Matching
At maximum gain setpoint
0.5
dB
Phase Matching
At maximum gain setpoint
±0.25
Degrees
Input Impedance
INPI, INMI, INMQ, INMP (Pins 20, 21, 22, 23)
250||1
Ω||pF
Output Return Loss
RFOP, RFOM (Pins 9, 10) measured through
balun
9.6
dB
FRF = 380 MHz
Maximum Gain
Maximum gain setpoint
4.1
dB
Gain Conformance
Over gain setpoint of 0.2 to 1.0
0.25
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com