Electronic Components Datasheet Search
  English  ▼

X  

ADL5390 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5390
Description  RF/IF Vector Multiplier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5390 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5390 Datasheet HTML 15Page - Analog Devices ADL5390 Datasheet HTML 16Page - Analog Devices ADL5390 Datasheet HTML 17Page - Analog Devices ADL5390 Datasheet HTML 18Page - Analog Devices ADL5390 Datasheet HTML 19Page - Analog Devices ADL5390 Datasheet HTML 20Page - Analog Devices ADL5390 Datasheet HTML 21Page - Analog Devices ADL5390 Datasheet HTML 22Page - Analog Devices ADL5390 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADL5390
Data Sheet
Rev. A | Page 20 of 23
Table 4. Evaluation Board Configuration Options
Component
Function
Default Conditions
R7, R9, R11, R14,
R15, R19, R20,
R21, C15, C19,
W3, W4
I Channel Baseband Interface. Resistors R7 and R9 may be installed to
accommodate a baseband source that requires a specific terminating
impedance. Capacitors C15 and C19 are bypass capacitors. For single-ended
baseband drive, the Potentiometer R11 can be used to provide a bias level to
the unused input (install either W3 or W4).
R7, R9 = not installed
R11 = potentiometer, 2 kΩ, 10 turn
(Bourns)
R14 = 4 kΩ (Size 0603)
R15 = 44 kΩ (Size 0603)
R19, R20, R21 = 0 Ω (Size 0603)
C15, C19 = 0.1 µF
(Size 0603)
W3 = jumper (installed)
W4 = jumper (open)
R1, R3, R10, R12,
R13, R16, R17,
R18, C16, C20,
W1, W2
Q Channel Baseband Interface. See the I Channel Baseband Interface section.
R1, R3 = not installed
R10 = potentiometer, 2 kΩ, 10 turn
(Bourns)
R12 = 4 kΩ (Size 0603)
R13 = 44 kΩ (Size 0603)
R16, R17, R18 = 0 Ω
(Size 0603)
C16, C20 = 0.1 µF (Size 0603)
W1 = jumper (installed)
W2 = jumper (open)
C11, C12
Baseband Low-Pass Filtering. By adding capacitor C11 between QFLP and
QFLM, and capacitor C12 between IFLP and IFLM, the 3 dB low-pass corner
frequency of the baseband interface can be reduced from 230 MHz (nominal)
as given by the equation in the Evaluation Board section.
C11, C12 = not installed
T1, C17, C18, L3,
L4
Output Interface. The 1:1 balun transformer, T1, converts the 50 Ω differential
output to 50 Ω single-ended. C17 and C18 are dc blocks. L3 and L4 provide dc
bias for the output.
C17, C18 = 10 nF (Size 0603)
T1 = ETC1-1-13 (M/A-COM)
L3, L4 = 120 nH (size 0603)
C2, C1, R2
C5, C6, R22
I and Q Channel RF Input Interface. The single-ended impedance to the
ADL5390 RF inputs is 200 Ω. Shunt terminations R2 and R22 of 66.5 Ω bring the
impedances to 50 Ω. C2 and C5 are dc blocks. C1 and C6 are used to ac-couple
the unused side of the differential inputs to common.
C2 = C1 = 10 nF (Size 0603)
R2 = 66.5 Ω (Size 0603)
C5 = C6 = 10 nF (Size 0603)
R22 = 66.5 Ω (Size 0603)
R4, R6, R5, C4, C7
C9, C3, C8, C10
Power Supply Decoupling.
R4, R6, R5 = 0 Ω (Size 0603)
C4, C7, C9 = 0.1 µF (Size 0603)
C3, C8, C10 = 100 pF (Size 0603)
R8, SW1
Output Disable Interface. The output stage of the ADL5390 is disabled by
applying a high voltage to the DSOP pin by moving SW1 to Position B. The
output stage is enabled moving SW1 to Position A. The output disable function
can also be exercised by applying an external high or low voltage to the DSOP
SMA connector with SW1 in Position A.
R8 = 10 kΩ (Size 0603)
SW1 = SPDT (Position A, output
enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com