Electronic Components Datasheet Search
  English  ▼

X  

ADL5390 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5390
Description  RF/IF Vector Multiplier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5390 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5390 Datasheet HTML 3Page - Analog Devices ADL5390 Datasheet HTML 4Page - Analog Devices ADL5390 Datasheet HTML 5Page - Analog Devices ADL5390 Datasheet HTML 6Page - Analog Devices ADL5390 Datasheet HTML 7Page - Analog Devices ADL5390 Datasheet HTML 8Page - Analog Devices ADL5390 Datasheet HTML 9Page - Analog Devices ADL5390 Datasheet HTML 10Page - Analog Devices ADL5390 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Data Sheet
ADL5390
Rev. A | Page 7 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
10
5
0
–5
–10
–15
–20
–25
–30
0.25
0
0.50
0.75
1.00
GAIN SETPOINT
FRF = 70MHz
FRF = 140MHz
FRF = 380MHz
FRF = 900MHz
FRF = 2400MHz
Figure 3. Gain Magnitude vs. Gain Setpoint, RF Frequency = 70 MHz,
140 MHz, 380 MHz, 900 MHz, 2400 MHz (Channel I or Channel Q)
10
5
0
–5
–10
–15
–20
–25
–30
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
GAIN SETPOINT
TEMP = –40°C
TEMP = +25°C
TEMP = +85°C
Figure 4. Gain Magnitude vs. Gain Setpoint, Temp = +85°C, +25°C, −40°C,
RF Frequency = 380 MHz (Channel I or Channel Q)
0
0.25
0.50
0.75
1.0
4
3
2
1
0
–1
–2
–3
–4
GAIN SETPOINT
FRF = 70MHz
FRF = 140MHz
FRF = 380MHz
FRF = 900MHz
FRF = 2400MHz
+3
σ = DASH LINE
–3
σ = SOLID LINE
Figure 5. Gain Conformance Error vs. Gain Setpoint, RF Frequency = 70 MHz,
140 MHz, 380 MHz, 900 MHz, 2400 MHz
5
4
3
2
1
0
–1
–2
–3
–4
–5
0
300
600
900
1200
1500
1800
2100
2400
FREQUENCY (MHz)
+3
σ
–3
σ
Figure 6. Channel Gain Matching (I to Q) vs. RF Frequency,
Gain Setpoint = 1.0
0
300
600
900
1200
1500
1800
2100
2400
9
8
7
6
5
4
3
2
1
0
FREQUENCY (MHz)
TEMP = +85°C
TEMP = +25°C
TEMP = –40°C
Figure 7. Channel Gain vs. RF Frequency, Temp = +85°C, +25°C, −40°C,
Gain Setpoint = 1.0
0
0.25
0.50
0.75
1.0
5
0
–5
–10
–15
–20
GAIN SETPOINT
FRF = 70MHz
FRF = 140MHz
FRF = 380MHz
FRF = 900MHz
FRF = 2400MHz
+3
σ = DASH LINE
–3
σ = SOLID LINE
Figure 8. Single-Channel Phase Deviation vs. Gain Setpoint, Normalized to
Gain Setpoint = 1.0, RF Frequency = 70 MHz, 140 MHz, 380 MHz,
900 MHz, 2400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com