Electronic Components Datasheet Search
  English  ▼

X  

SIP4280 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP4280
Description  Slew Rate Controlled Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP4280 Datasheet HTML 1Page - Vishay Siliconix SIP4280 Datasheet HTML 2Page - Vishay Siliconix SIP4280 Datasheet HTML 3Page - Vishay Siliconix SIP4280 Datasheet HTML 4Page - Vishay Siliconix SIP4280 Datasheet HTML 5Page - Vishay Siliconix SIP4280 Datasheet HTML 6Page - Vishay Siliconix SIP4280 Datasheet HTML 7Page - Vishay Siliconix SIP4280 Datasheet HTML 8Page - Vishay Siliconix SIP4280 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 73476
S-61690–Rev. D, 04-Sep-06
Vishay Siliconix
SiP4280
TYPICAL CHARACTERISTICS internally regulated, 25 °C unless noted
Quiescent Current vs. Temperature
RDS(ON) vs. Input Voltage
ON/OFF Threhold vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
- 40
Temperature (°C)
- 25
0
25
50
75
85
V = 5 V
VIN = 3 V
50
70
90
110
130
150
170
190
210
230
250
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
2 A
100 mA
1 A
500 mA
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
VIL
VIH
Quiescent Current vs. Input Voltage
RDS(ON) vs. Temperature
Off Switch Current vs. Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
23
456
VIN (V)
60
70
80
90
100
110
120
130
140
Temperature (°C)
- 40
- 25
0
25
50
75
85
V = 5 V
V = 3 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Temperature (°C)
- 40
- 25
0
25
50
75
85
100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com