Electronic Components Datasheet Search
  English  ▼

X  

SIP4280 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIP4280
Description  Slew Rate Controlled Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIP4280 Datasheet HTML 2Page - Vishay Siliconix SIP4280 Datasheet HTML 3Page - Vishay Siliconix SIP4280 Datasheet HTML 4Page - Vishay Siliconix SIP4280 Datasheet HTML 5Page - Vishay Siliconix SIP4280 Datasheet HTML 6Page - Vishay Siliconix SIP4280 Datasheet HTML 7Page - Vishay Siliconix SIP4280 Datasheet HTML 8Page - Vishay Siliconix SIP4280 Datasheet HTML 9Page - Vishay Siliconix SIP4280 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Vishay Siliconix
SiP4280
Document Number: 73476
S-61690–Rev. D, 04-Sep-06
www.vishay.com
7
BLOCK DIAGRAM
DETAILED DESCRIPTION
The SiP4280 is a P-Channel MOSFET power
switches designed for high-side slew rate controlled
load switching applications. Once turned on, the slew-
rate control circuitry is activated and current is ramped
in a linear fashion until it reaches the level required for
the output load condition. This is accomplished by first
elevating the gate voltage of the MOSFET up to its
threshold voltage and then by linearly increasing the
gate voltage until the MOSFET becomes fully
enhanced. At this point, the gate voltage is then
quickly increased to the full input voltage to reduce
RDS(ON) of the MOSFET switch and minimize any
associated power losses.
The SiP4280-1 version has a modest 1 ms turn on
slew rate feature, which significantly reduces in-rush
current at turned on time and permits the load switch
to be implemented with a small input capacitor, or no
input capacitor at all, saving cost and space. In addi-
tion to a 100 µs minimized slew rate, the SIP4280-3
features a shutdown output discharge circuit which is
activated at shutdown (when the part is disabled
through the ON/OFF pin) and discharges the output
pin through a small internal resistor hence, turning off
the load.
In instances where the input voltage falls below 1.4 V
(typically) the under voltage lock-out circuitry protects
the MOSFET switch from entering the saturation
region or operation by shutting down the chip.
SiP4280 Functional Block Diagramm
SiP4280–3 Version only



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com