Electronic Components Datasheet Search
  English  ▼

X  

SIP4280 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP4280
Description  Slew Rate Controlled Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP4280 Datasheet HTML 1Page - Vishay Siliconix SIP4280 Datasheet HTML 2Page - Vishay Siliconix SIP4280 Datasheet HTML 3Page - Vishay Siliconix SIP4280 Datasheet HTML 4Page - Vishay Siliconix SIP4280 Datasheet HTML 5Page - Vishay Siliconix SIP4280 Datasheet HTML 6Page - Vishay Siliconix SIP4280 Datasheet HTML 7Page - Vishay Siliconix SIP4280 Datasheet HTML 8Page - Vishay Siliconix SIP4280 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 73476
S-61690–Rev. D, 04-Sep-06
www.vishay.com
5
Vishay Siliconix
SiP4280
TYPICAL WAVEFORMS
SiP4280-1 Turn-On (VIN = 3 V, RLOAD = 6 Ω)
SiP4280-1 Turn-On (VIN = 5 V, RLOAD = 10 Ω)
ON/OFF (5 V/div.)
VOUT (2 V/div.)
IIN (200 mA/div.)
Time (500 µs/div)
ON/OFF (5 V/div.)
VOUT (2 V/div.)
IIN (200 mA/div.)
Time (500 µs/div)
SiP4280-1 Turn-Off (VIN = 3 V, RLOAD = 6 Ω)
SiP4280-1 Turn-Off (VIN = 5 V, RLOAD = 10 Ω)
ON/OFF (5 V/div.)
VOUT (2 V/div.)
IIN (200 mA/div.)
Time (5 µs/div)
ON/OFF (5 V/div.)
VOUT (2 V/div.)
IIN (200 mA/div.)
Time (5 µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com