Electronic Components Datasheet Search
  English  ▼

X  

SIP4280 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP4280
Description  Slew Rate Controlled Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4280 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP4280 Datasheet HTML 1Page - Vishay Siliconix SIP4280 Datasheet HTML 2Page - Vishay Siliconix SIP4280 Datasheet HTML 3Page - Vishay Siliconix SIP4280 Datasheet HTML 4Page - Vishay Siliconix SIP4280 Datasheet HTML 5Page - Vishay Siliconix SIP4280 Datasheet HTML 6Page - Vishay Siliconix SIP4280 Datasheet HTML 7Page - Vishay Siliconix SIP4280 Datasheet HTML 8Page - Vishay Siliconix SIP4280 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 73476
S-61690–Rev. D, 04-Sep-06
www.vishay.com
3
Vishay Siliconix
SiP4280
PIN CONFIGURATION
PIN DESCRIPTION
Pin Number
SOT23-6
Pin Name
Symbol
4, 6
VIN
This pin is the P-channel MOSFET source connection
3
ON/OFF
Logic high enables the IC; logic low disables the IC and reduces the IC and reduces the quiescent current to 2.5 µA
2, 5
GND
Ground connection
1
OUT
This pin is the P-channel MOSFET drain connection
SELECTION GUIDE
Part Number
Slew Rate
(typ)
Active
Pull Down
Enable
SiP4280-1-T1-E3
1 ms
No
Active High
SiP4280-3-T1-E3
100 µs
Yes
Active High
ORDERING INFORMATION
Part Number
Marking
Temperature Range
Package
SiP4280DT-1-T1-E3
L1XXX
- 40 °C to 85 °C
SOT23-6L
SiP4280DT-3-T1-E3
L3XXX
SOT23-6L
1
Top View
OUT
VIN
GND
GND
VIN
2
3
6
5
4
SOT23-6
ON/OFF
O



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com