Electronic Components Datasheet Search
  English  ▼

X  

SP4427 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4427
Description  Electroluminescent Lamp Driver Dual Oscillators with High Drive Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4427 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4427 Datasheet HTML 1Page - Sipex Corporation SP4427 Datasheet HTML 2Page - Sipex Corporation SP4427 Datasheet HTML 3Page - Sipex Corporation SP4427 Datasheet HTML 4Page - Sipex Corporation SP4427 Datasheet HTML 5Page - Sipex Corporation SP4427 Datasheet HTML 6Page - Sipex Corporation SP4427 Datasheet HTML 7Page - Sipex Corporation SP4427 Datasheet HTML 8Page - Sipex Corporation SP4427 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SP4427DS/01
SP4427 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
1
s DC to AC Inverter for EL Backlit
Display Panels
s Low Voltage, Single Battery Operation
(vbat > 1.1 Vdc)
s Dual Oscillator Operation for
Application Flexibility
s Low Current Standby Mode
APPLICATIONS
s Pagers s PDA's s Backlit
LCD Displays
SP4427
Electroluminescent Lamp Driver
Dual Oscillators with High Drive Capability
DESCRIPTION…
The SP4427 is a high voltage output DC-AC converter that can operate from a single 1.5 Vdc
battery supply. The SP4427 is capable of supplying up to 250 Vpp signals, making it ideal for
driving electroluminescent lamps. The device features 100nA (typ) standby current, for use
in low power portable products. One external inductor is required to generate the high voltage
charge, and two external capacitors are used to select the oscillator and lamp frequencies.
The SP4427 is offered in both an 8 pin narrow SOIC or micro SOIC package. For delivery
in die form, please consult the factory.
6
VDD
HON
H
Bridge
COIL
EL1
EL2
7
1
8
VSS
2
4
5
3
Cosc
Losc
8 Bit Counter
EN
Coil OSC
Lamp OSC
Block Diagram


Similar Part No. - SP4427

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4422 SIPEX-SP4422 Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422ACN SIPEX-SP4422ACN Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422ACU SIPEX-SP4422ACU Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4422ACX SIPEX-SP4422ACX Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
More results

Similar Description - SP4427

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
SP4424 SIPEX-SP4424 Datasheet
119Kb / 12P
Electroluminescent Lamp Driver Dual Oscillators
SP4428 SIPEX-SP4428 Datasheet
107Kb / 11P
Electroluminescent Lamp Driver High Drive Capability for Low Voltage Applications
logo
List of Unclassifed Man...
D365A ETC1-D365A Datasheet
299Kb / 12P
Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
Electroluminescent Lamp Driver IC
logo
Sipex Corporation
SP4426 SIPEX-SP4426 Datasheet
124Kb / 11P
Electroluminescent Lamp Driver with High Output Drivers
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
Maxim Integrated Produc...
MAX14514 MAXIM-MAX14514 Datasheet
215Kb / 14P
Dual Electroluminescent Lamp Driver
19-4466; Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com