Electronic Components Datasheet Search
  English  ▼

X  

SP4427 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP4427
Description  Electroluminescent Lamp Driver Dual Oscillators with High Drive Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4427 Datasheet(HTML) 6 Page - Sipex Corporation

  SP4427 Datasheet HTML 1Page - Sipex Corporation SP4427 Datasheet HTML 2Page - Sipex Corporation SP4427 Datasheet HTML 3Page - Sipex Corporation SP4427 Datasheet HTML 4Page - Sipex Corporation SP4427 Datasheet HTML 5Page - Sipex Corporation SP4427 Datasheet HTML 6Page - Sipex Corporation SP4427 Datasheet HTML 7Page - Sipex Corporation SP4427 Datasheet HTML 8Page - Sipex Corporation SP4427 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SP4427DS/01
SP4427 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
6
Number of coil pulses in 1 lamp cycle =
; 90% duty cycle.
EL1 Output
-EL2 Output
Vpeak=80V (typ)
EL1 output; charge steps per half cycle based on # of coil pulses per half cycle.
EL1 Output
-EL2 Output
Vpp=160V (typ)
Differential Representation E12.
coil freq.
lamp freq. (2)
Figure 1.
Figure 2.
Figure 3.
Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com