Electronic Components Datasheet Search
  English  ▼

X  

SP4427 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP4427
Description  Electroluminescent Lamp Driver Dual Oscillators with High Drive Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4427 Datasheet(HTML) 4 Page - Sipex Corporation

  SP4427 Datasheet HTML 1Page - Sipex Corporation SP4427 Datasheet HTML 2Page - Sipex Corporation SP4427 Datasheet HTML 3Page - Sipex Corporation SP4427 Datasheet HTML 4Page - Sipex Corporation SP4427 Datasheet HTML 5Page - Sipex Corporation SP4427 Datasheet HTML 6Page - Sipex Corporation SP4427 Datasheet HTML 7Page - Sipex Corporation SP4427 Datasheet HTML 8Page - Sipex Corporation SP4427 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SP4427DS/01
SP4427 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
4
voltage in the system (up to the maximum tolerance
of the coil) and the coil should have low resistance
and high inductance; V
battery= 1.5 VDC with a
20mH/70
Ω coil are typical. The majority of the
current goes through the coil and typically less
than 1mA is required for Vdd of the SP4427. Vdd
can range from 1.1V to 5V; it is not necessary that
Vdd=V
battery. Coils are also a function of the core
material and winding used -- performance variances
may be noticeable from different coil suppliers.
The Sipex SP4427 is final tested using a 20mH/
70
Ω coil from CTC. For suggested coil sources see
page 7.
The F
coil signal controls a switch that connects the
end of the coil at pin 3 to ground or to open circuit.
The F
coil signal is a 90% duty cycle signal. During
the time when the F
coil signal is high, the coil is
connected from V
battery to ground and a charged
magnetic field is created in the coil. During the low
part of F
coil , the ground connection is switched
open, the field collapses and the energy in the
inductor is forced to flow toward the
high voltage H-bridge switches. F
coil
will send
as many charge pulses as possible in 1 Lamp Cycle
{Number of Coil pulses in 1 lamp cycle =
Coil Freq
}(see figure 2 page 6). Each pulse
increases the voltage drop across the lamp
in discrete steps. As the voltage potential
approaches its maximum, the steps become smaller
(see figure 1 page 6).
The H-bridge consists of two SCR structures that
act as high voltage switches. These two switches
control the polarity of how the lamp is charged.
The SCR switches are controlled by the F
lamp signal
which is the oscillator frequency divided by 256.
For a 64kHz oscillator, F
lamp=256Hz.
0.1
µF
LAMP
1
Cosc
Vss
Coil
EL2
Losc
Hon
Vdd
EL1
+
-
1.5 Volt
Application
3.FtL
1.6 SQ. IN.
Typical SP4427CN Application Circuit
When the energy from the coil is released, a high
voltage spike is created triggering the SCR
switches. The direction of current flow is
determined by which SCR is enabled. One full
cycle of the H-bridge will create a number of
voltage steps from ground to 55V (typ) on pins 4
and 5 which are 180 degrees out of phase with each
other (see figure 3 page 6). A differential view of
the outputs is shown in figure 4 on page 6. If Line
Noise is of concern it is advisable to add a
decoupling cap at Vdd (low ESR type).
Electroluminescent Technology
What is electroluminescence?
An EL lamp is basically a strip of plastic that is
coated with a phosphorous material which emits
light (fluoresces) when a high voltage (>40V)
which was first applied across it, is removed or
reversed. Long periods of DC voltages applied to
the material tend to breakdown the material and
reduce its lifetime. With these considerations in
mind, the ideal signal to drive an EL lamp is a high
voltage sine wave. Traditional approaches to
achieving this type of waveform included discrete
circuits incorporating a transformer, transistors,
and several resistors and capacitors. This approach
is large and bulky, and cannot be implemented in
most hand held equipment. Sipex now offers low
power single chip driver circuits specifically
designed to drive small to medium sized
electroluminescent panels. All that is required is
one external inductor and capacitor.
Electroluminescent backlighting is ideal when used
with LCD displays, keypads, or other backlit
readouts. Its main use is to illuminate displays in
Lamp Freq (2)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com