Electronic Components Datasheet Search
  English  ▼

X  

SP4427 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP4427
Description  Electroluminescent Lamp Driver Dual Oscillators with High Drive Capability
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4427 Datasheet(HTML) 2 Page - Sipex Corporation

  SP4427 Datasheet HTML 1Page - Sipex Corporation SP4427 Datasheet HTML 2Page - Sipex Corporation SP4427 Datasheet HTML 3Page - Sipex Corporation SP4427 Datasheet HTML 4Page - Sipex Corporation SP4427 Datasheet HTML 5Page - Sipex Corporation SP4427 Datasheet HTML 6Page - Sipex Corporation SP4427 Datasheet HTML 7Page - Sipex Corporation SP4427 Datasheet HTML 8Page - Sipex Corporation SP4427 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SP4427DS/01
SP4427 Electroluminescent Lamp Driver
© Copyright 1997 Sipex Corporation
2
Bonding Diagram:
SPECIFICATIONS
(T= 25
°C; V
dd = 1.5V; Lamp Capacitance = 8000pF; Coil = 20 mH at 70 Ohms; Coil OSC = 220pF, Lamp OSC = 1800pF unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
INPUT CHARACTERISTICS
Supply Voltage
1.5
Volts
Total Supply Current
10
15
mA
Vdd= 1.5V
±5%; Hon= 1.5V
Quiescent Supply Current
100
200
nA
Vdd= 1.5V
±5%; Hon= 0.2V
Hon Voltage On
1.1
Vdd
Volts
Hon Current On
10
µA
Internal pulldown
Hon Voltage Off
<Vdd/2
Volts
INDUCTOR DRIVE
Peak Current
60
mA
Pulse Rate
3
5
6
kHz
Duty Cycle
70
75
85
%
LAMP OUTPUT
Differential Voltage
80
110
Vpp
Frequency
150
250
350
Hz
Lamp Capacitance
8000
pF
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
dd............................................................................................................7.0V
Input Voltages/Currents
HON (pin1)..........................................-0.5V to (V
dd+0.5V)
COIL (pin3)............................................................100mA
Lamp Outputs.............................................................................250Vpp
Storage Temperature....................................................-65˚C to +150˚C
Power Dissipation.......................................................................200mW
PAD
X
Y
EL1
586.0
107.0
EL2
586.0
-143.0
COIL
586.0
-376.0
VSS
80.0
-417.0
HON
562.5
-397.0
CAP2
565.0
-118.0
CAP1
562.5
114.5
VDD
588.0
417.0
NOTES:
1. Dimensions are in Microns unless otherwise noted.
2. Bonding pads are 125x125 typ.
3. Outside dimensions are maximum, including scribe area.
4. Die thickness is 380 +/- 25 microns (15 mils +/- 1).
5. Pad center coordinates are relative to die center.
6. Die size 1498 x 1168 ( 59 x 46 mils).
COIL
VSS
EL 1
EL 2
ELEN
SP4427
CAP 1
CAP 2
VDD
664A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com