Electronic Components Datasheet Search
  English  ▼

X  

MIC33153 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC33153
Description  4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33153 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC33153 Datasheet HTML 20Page - Microchip Technology MIC33153 Datasheet HTML 21Page - Microchip Technology MIC33153 Datasheet HTML 22Page - Microchip Technology MIC33153 Datasheet HTML 23Page - Microchip Technology MIC33153 Datasheet HTML 24Page - Microchip Technology MIC33153 Datasheet HTML 25Page - Microchip Technology MIC33153 Datasheet HTML 26Page - Microchip Technology MIC33153 Datasheet HTML 27Page - Microchip Technology MIC33153 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006223B-page 25
MIC33153
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC33153-4YHJ-TR:
4 MHz PWM 1.2A Internal Inductor
Buck Regulator with HyperLight
Load® and Power Good, 1.2V
Fixed Output Voltage,
–40°C to +125°C Junction
Temperature Range, Pb-Free,
RoHS Compliant, 14-Lead TDFN
Package, 5000/Reel
b) MIC33153-SYHJ-TR:
4 MHz PWM 1.2A Internal Inductor
Buck Regulator with HyperLight
Load® and Power Good, 3.3V
Fixed Output Voltage,
–40°C to +125°C Junction
Temperature Range, Pb-Free,
RoHS Compliant, 14-Lead TDFN
Package, 5000/Reel
c) MIC33153YHJ-TR:
4 MHz PWM 1.2A Internal Inductor
Buck Regulator with HyperLight
Load® and Power Good,
Adjustable Output Voltage,
–40°C to +125°C Junction
Temperature Range, Pb-Free,
RoHS Compliant, 14-Lead TDFN
Package, 5000/Reel
PART NO.
XX
Package
Device
Device:
MIC33153: 4 MHz PWM 1.2A Internal Inductor Buck
Regulator with HyperLight Load® and
Power Good
Output Voltage:
4 = 1.2V
S = 3.3V
Blank = Adjustable
Junction
Temperature Range:
Y
=
–40°C to +125°C
Package:
HJ =
14-Lead 3.0 mm x 3.5 mm x 1.1 mm TDFN
Media Type:
TR
= 5000/Reel
X
Junction
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type
-X
Output
Voltage Temperature
Range
Option
Note: Other output voltage options are available. Contact Factory for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com