Electronic Components Datasheet Search
  English  ▼

X  

MIC33153 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC33153
Description  4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33153 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC33153 Datasheet HTML 11Page - Microchip Technology MIC33153 Datasheet HTML 12Page - Microchip Technology MIC33153 Datasheet HTML 13Page - Microchip Technology MIC33153 Datasheet HTML 14Page - Microchip Technology MIC33153 Datasheet HTML 15Page - Microchip Technology MIC33153 Datasheet HTML 16Page - Microchip Technology MIC33153 Datasheet HTML 17Page - Microchip Technology MIC33153 Datasheet HTML 18Page - Microchip Technology MIC33153 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006223B-page 15
MIC33153
The DCR losses can be calculated by using
Equation 5-2:
EQUATION 5-2:
From that, the loss in efficiency due to inductor
resistance can be calculated by using Equation 5-3:
EQUATION 5-3:
Efficiency loss due to DCR is minimal at light loads and
gains significance as the load is increased. Inductor
selection becomes a trade-off between efficiency and
size in this case.
The effect of MOSFET voltage drops and DCR losses
in conjunction with the maximum duty cycle combine to
limit maximum output voltage for a given input voltage.
The following graph shows this relationship based on
the typical resistive losses in the MIC33153:
FIGURE 5-2:
VOUT(MAX) vs. VIN.
5.6
HyperLight Load® Mode
The MIC33153 uses a minimum on and off time
proprietary control loop. When the output voltage falls
below the regulation threshold, the error comparator
begins a switching cycle that turns the PMOS on and
keeps it on for the duration of the minimum on-time.
When the output voltage is over the regulation
threshold, the error comparator turns the PMOS off for
a minimum off-time. The NMOS acts as an ideal
rectifier that conducts when the PMOS is off. Using a
NMOS switch instead of a diode allows for lower
voltage drop across the switching device when it is on.
The asynchronous switching combination between the
PMOS and the NMOS allows the control loop to work
in discontinuous mode for light load operations. In
discontinuous mode, MIC33153 works in pulse
frequency modulation (PFM) to regulate the output. As
the output current increases, the switching frequency
increases. This improves the efficiency of the
MIC33153 during light load currents. As the load
current increases, the MIC33153 goes into continuous
conduction mode (CCM) at a constant frequency of
4 MHz. The equation to calculate the load when the
MIC33153 goes into continuous conduction mode may
be approximated by the following Equation 5-4:
EQUATION 5-4:
As shown in the above equation, the load at which
MIC33153 transitions from HyperLight Load® mode to
PWM mode is a function of the input voltage (VIN),
output voltage (VOUT), duty cycle (D), inductance (L)
and frequency (f). For example, if VIN = 3.6V,
VOUT = 1.8V, D = 0.5, f = 4 MHz and the internal
inductance of MIC33153 is 0.47 µH, then the device
will enter HyperLight Load® mode or PWM mode at
approximately 200 mA.
5.7
Power Dissipation Considerations
As with all power devices, the ultimate current rating of
the output is limited by the thermal properties of the
package and the PCB it is mounted on. There is a
simple Ohm’s law type relationship between thermal
resistance, power dissipation, and temperature which
is analogous to an electrical circuit:
PDCR IOUT
2 DCR
=
EfficiencyLoss
1
VOUT IOUT
VOUT IOUT PDCR
+
----------------------------------------------------
–
100
=
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
1.2A
800mA
400mA
100mA
ILOAD
VIN VOUT
–
D
2L f
--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com