Electronic Components Datasheet Search
  English  ▼

X  

MCP79511 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP79511
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79511 Datasheet(HTML) 2 Page - Microchip Technology

  MCP79511 Datasheet HTML 1Page - Microchip Technology MCP79511 Datasheet HTML 2Page - Microchip Technology MCP79511 Datasheet HTML 3Page - Microchip Technology MCP79511 Datasheet HTML 4Page - Microchip Technology MCP79511 Datasheet HTML 5Page - Microchip Technology MCP79511 Datasheet HTML 6Page - Microchip Technology MCP79511 Datasheet HTML 7Page - Microchip Technology MCP79511 Datasheet HTML 8Page - Microchip Technology MCP79511 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 2
 2012-2022 Microchip Technology Inc.and its subsidiaries
Description
The MCP795XX Real-Time Clock/Calendar (RTCC)
tracks time using internal counters for hours, minutes,
seconds, hundredth of seconds, days, months, years
and day of week. Alarms can be configured on all
counters up to and including months. For usage and
configuration,
the
MCP795XX
supports
SPI
communications up to 5 MHz.
The MCP795XX is designed to operate using a
32.768 kHz tuning fork crystal with external crystal
load capacitors. On-chip digital trimming can be used
to adjust for frequency variance caused by crystal
tolerance and temperature.
SRAM and timekeeping circuitry are powered from the
backup supply when main power is lost, allowing the
device to maintain accurate time and the SRAM
contents. The times when the device switches over to
the backup supply and when primary power returns
are both logged by the power-fail timestamp.
The MCP795XX features 128 bits of EEPROM which
is only writable after an unlock sequence, making it
ideal for storing a unique ID or other critical
information. The MCP795X1 and MCP795X2 are
preprogrammed with EUI-48 and EUI-64 addresses,
respectively. Custom programming is also available.
The MCP795XX has a shared pin for outputting a
selectable frequency square wave or alarm signals.
FIGURE 1-1:
TYPICAL APPLICATION SCHEMATIC
VCC
VCC
VCC
VBAT
CX1
CX2
VBAT
X2
X1
CS
SCK
SI
VSS
VCC
1
2
3
5
8
6
4
10
PIC® MCU
MCP795XX
SO
7
9
MFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com