Electronic Components Datasheet Search
  English  ▼

X  

MCP79511 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP79511
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79511 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP79511 Datasheet HTML 13Page - Microchip Technology MCP79511 Datasheet HTML 14Page - Microchip Technology MCP79511 Datasheet HTML 15Page - Microchip Technology MCP79511 Datasheet HTML 16Page - Microchip Technology MCP79511 Datasheet HTML 17Page - Microchip Technology MCP79511 Datasheet HTML 18Page - Microchip Technology MCP79511 Datasheet HTML 19Page - Microchip Technology MCP79511 Datasheet HTML 20Page - Microchip Technology MCP79511 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 17
MCP7951X/MCP7952X
5.3.2
GENERATING HUNDREDTH OF
SECONDS
A special algorithm is required to accurately generate
hundredth of seconds. The circuitry utilizes the
4.096 kHz clock signal and counts 41 clock pulses
each for 24 increments of the hundredth of seconds
count. The circuitry then counts 40 clock pulses for the
next increment of the hundredth of second count. This
results in every 25 hundredth of seconds increments
equaling exactly 250 ms. Long term, the hundredth of
seconds frequency will average the desired 100 Hz,
while jitter is minimized short term.
EQUATION 5-2:
HUNDREDTH OF
SECONDS GENERATION
41 clocks 24 counts

40 clocks 1 count

+
4,096 Hz
---------------------------------------------------------------------------------------------------------------
250 ms
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com