Electronic Components Datasheet Search
  English  ▼

X  

MCP79511 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP79511
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79511 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP79511 Datasheet HTML 9Page - Microchip Technology MCP79511 Datasheet HTML 10Page - Microchip Technology MCP79511 Datasheet HTML 11Page - Microchip Technology MCP79511 Datasheet HTML 12Page - Microchip Technology MCP79511 Datasheet HTML 13Page - Microchip Technology MCP79511 Datasheet HTML 14Page - Microchip Technology MCP79511 Datasheet HTML 15Page - Microchip Technology MCP79511 Datasheet HTML 16Page - Microchip Technology MCP79511 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 13
MCP7951X/MCP7952X
TABLE 5-1:
DETAILED RTCC REGISTER MAP
Addr. Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Section 5.3 “Timekeeping”
00h
RTCHSEC
HSECTEN3 HSECTEN2 HSECTEN1
HSECTEN0 HSECONE3 HSECONE2 HSECONE1 HSECONE0
01h
RTCSEC
ST
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
02h
RTCMIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
03h
RTCHOUR
TRIMSIGN
12/24
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
04h
RTCWKDAY
—
—
OSCRUN
PWRFAIL
VBATEN
WKDAY2
WKDAY1
WKDAY0
05h
RTCDATE
—
—
DATETEN1
DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
06h
RTCMTH
—
—
LPYR
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
07h
RTCYEAR
YRTEN3
YRTEN2
YRTEN1
YRTEN0
YRONE3
YRONE2
YRONE1
YRONE0
08h
CONTROL
—
SQWEN
ALM1EN
ALM0EN
EXTOSC
CRSTRIM
SQWFS1
SQWFS0
09h
OSCTRIM
TRIMVAL7
TRIMVAL6
TRIMVAL5
TRIMVAL4
TRIMVAL3
TRIMVAL2
TRIMVAL1
TRIMVAL0
Section 5.4 “Alarms”
0Ch
ALM0SEC
—
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
0Dh
ALM0MIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
0Eh
ALM0HOUR
—
12/24(2)
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
0Fh
ALM0WKDAY
ALM0PIN
ALM0MSK2 ALM0MSK1
ALM0MSK0
ALM0IF
WKDAY2
WKDAY1
WKDAY0
10h
ALM0DATE
—
—
DATETEN1
DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
11h
ALM0MTH
—
—
—
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
Section 5.4 “Alarms”
12h
ALM1HSEC
HSECTEN3 HSECTEN2 HSECTEN1
HSECTEN0 HSECONE3 HSECONE2 HSECONE1 HSECONE0
13h
ALM1SEC
—
SECTEN2
SECTEN1
SECTEN0
SECONE3
SECONE2
SECONE1
SECONE0
14h
ALM1MIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
15h
ALM1HOUR
—
12/24(2)
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
16h
ALM1WKDAY
ALM1PIN
ALM1MSK2 ALM1MSK1
ALM1MSK0
ALM1IF
WKDAY2
WKDAY1
WKDAY0
17h
ALM1DATE
—
—
DATETEN1
DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
Section 5.7.1 “Power-Fail Timestamp”
Power-Down Timestamp
18h
PWRDNMIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
19h
PWRDNHOUR
—
12/24
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
1Ah
PWRDNDATE
—
—
DATETEN1
DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
1Bh
PWRDNMTH
WKDAY2
WKDAY1
WKDAY0
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
Power-Up Timestamp
1Ch
PWRUPMIN
—
MINTEN2
MINTEN1
MINTEN0
MINONE3
MINONE2
MINONE1
MINONE0
1Dh
PWRUPHOUR
—
12/24
AM/PM
HRTEN1
HRTEN0
HRONE3
HRONE2
HRONE1
HRONE0
1Eh
PWRUPDATE
—
—
DATETEN1
DATETEN0 DATEONE3 DATEONE2 DATEONE1 DATEONE0
1Fh
PWRUPMTH
WKDAY2
WKDAY1
WKDAY0
MTHTEN0
MTHONE3
MTHONE2
MTHONE1
MTHONE0
Note 1: Grey areas are unimplemented.
2:
The 12/24 bits in the ALMxHOUR registers are read-only and reflect the value of the 12/24 bit in the RTCHOUR
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com