Electronic Components Datasheet Search
  English  ▼

X  

MCP79511 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP79511
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79511 Datasheet(HTML) 5 Page - Microchip Technology

  MCP79511 Datasheet HTML 1Page - Microchip Technology MCP79511 Datasheet HTML 2Page - Microchip Technology MCP79511 Datasheet HTML 3Page - Microchip Technology MCP79511 Datasheet HTML 4Page - Microchip Technology MCP79511 Datasheet HTML 5Page - Microchip Technology MCP79511 Datasheet HTML 6Page - Microchip Technology MCP79511 Datasheet HTML 7Page - Microchip Technology MCP79511 Datasheet HTML 8Page - Microchip Technology MCP79511 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 5
MCP7951X/MCP7952X
D13
VTRIP
Power-Fail Switchover
Voltage
1.3
1.5
1.7
V
D14
VBAT
Backup Supply Voltage
Range
1.3
—
3.6
V
D15
IBATT
Timekeeping Backup
Current
—
—
850
nA
VBAT = 1.3V, VCC =VSS
(Note 2)
—
1000
1200
nA
VBAT = 3.0V, VCC =VSS
(Note 2)
—
—
2300
nA
VBAT = 3.6V, VCC =VSS
(Note 2)
D16
IBATDAT
VBAT Data Retention
Current (oscillator off)
—
—
850
nA
VBAT = 3.6V, VCC = VSS
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
DC CHARACTERISTICS (Continued)
Industrial (I):
TA = -40°C to +85°C
VCC = 1.8V to 3.6V
Param.
No.
Symbol
Characteristic
Minimum Typical(1) Maximum Units
Test Conditions
Note 1: Typical measurements taken at room temperature.
2: This parameter is not tested but ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com