Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4680
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 12Page - Analog Devices LTM4680 Datasheet HTML 13Page - Analog Devices LTM4680 Datasheet HTML 14Page - Analog Devices LTM4680 Datasheet HTML 15Page - Analog Devices LTM4680 Datasheet HTML 16Page - Analog Devices LTM4680 Datasheet HTML 17Page - Analog Devices LTM4680 Datasheet HTML 18Page - Analog Devices LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM4660
16
Rev. 0
For more information www.analog.com
TEMPERATURE OF THERMISTOR (°C)
25°C
CURIE POINT
4660 F07
Figure 7. Characteristic of a Thermistor
TEMP TRIP LEVEL = 1.22V
TEMP
C–
TRACK/SS
FAULT
100ms
4660 F08
Figure 8. Temperature Trip Characteristic
Power Good
When VFB pin voltage falls below 7.5% or rises above
8.5% of the internal 0.8V reference or the reference set by
EXT_REF, the PGOOD pin is pulled low. The PGOOD pin is
also pulled low when the RUN pin is below 1.1V or when
the LTM4660 is in the soft-start or tracking phase. The
PGOOD pin will flag power good immediately when the
VFB pin is within the reference window. However, there is
an internal 50µs power bad mask when VFB goes out this
window. The PGOOD pin can be pulled up by an external
resistor to sources of up to 20V.
FAULT
During initial power up of the LTM4660 or when enabling
the part via the RUN pin, the FAULT pin will not be pulled
low even when CFLY and/or CMID need to be rebalanced to
VIN/2. But during normal operation, when rebalancing is
needed, the FAULT will be pulled low. Another condition
that causes the FAULT to go low is thermal shutdown,
either caused by the internal temperature reaching 150°C
or the voltage at TEMP pin reaching 1.22V. The FAULT
pin is allowed to be pulled up by an external resistor to
sources of up to 20V.
Frequency Compensation
The LTM4660 μModule employs peak current mode con-
trol for pulse width modulation of the power switches.
This method of control simplifies the compensation
design by eliminating the dynamics of the power inductor
contributing to the closed loop response. A Type-II net-
work is sufficient to compensate the LTM4660 feedback
loop. Such a network comprises of a resistor in series
with capacitor connected at COMPa pin—the output of
a transconductance error amplifier inside LTM4660, to
SGND. A high frequency roll-off capacitor of 22pF, as part
of the Type-II network is already connected at the COMPa
pin internal to LTM4660.
Choose the components of the Type-II network dependent
on the desired output response for line and load variations
as well as loop stability parameters phase margin and gain
margin of the feedback loop. In general, selecting a low
capacitance and a high resistance for the Type-II network
at COMPa pin leads to fast transient response but may
adversely affect the loop stability parameters.
A resistor capacitor network of 10k in series with 10nF is
connected from COMPb pin to SGND internal to LTM4660.
For most LTM4660 applications, it is sufficient to tie
COMPa and COMPb pins together to ensure closed loop
stability across line and load variations. Refer to LTM4660
model in LTspice® to fine tune and optimize the Type-II
network for each application circuit with LTM4660.
Input Capacitor Selection
The LTM4660 module should be connected to a low
AC-impedance DC source. For the regulator input, two
10μF input ceramic capacitors are required for RMS ripple
current. A 33μF or 47μF surface mount aluminum elec-
trolytic bulk capacitor can be used for more input bulk
capacitance. This bulk input capacitance is only needed
if the input source impedance is compromised by long
inductive leads. If low impedance power planes are used,
then this bulk capacitor is not needed. For IBC applica-
tions with 48V or 54V bus, choose input capacitors rated
to at least 100V.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com