Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM4680
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 13Page - Analog Devices LTM4680 Datasheet HTML 14Page - Analog Devices LTM4680 Datasheet HTML 15Page - Analog Devices LTM4680 Datasheet HTML 16Page - Analog Devices LTM4680 Datasheet HTML 17Page - Analog Devices LTM4680 Datasheet HTML 18Page - Analog Devices LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices LTM4680 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTM4660
17
Rev. 0
For more information www.analog.com
Without considering the inductor current ripple, the
RMS current of the input capacitor can be estimated by
Equation 5.
ICIN(RMS) =
IOUT(MAX)
2 •
η%
•
D • D´
(
)
(5)
where D is 2 • VOUT/VIN and D’ = 1 – D
In the above equation, η% is the estimated efficiency of the
power module. The bulk capacitor can be a switcher-rated
electrolytic aluminum capacitor or Polymer capacitor.
Output Capacitor Selection
The LTM4660 is designed to achieve good transient
response and low output voltage ripple. Choose COUT
with low ESR to meet the output ripple and transient per-
formance requirements. Place at least two 10μF output
ceramic capacitors close to VOUT and GND pins. This low-
ers the output ripple by lowering the total ESR of COUT.
Aluminum electrolytic capacitors of 100μF or 150μF can
be placed further away as bulk output capacitors. Choose
enough bulk capacitance to meet the transient specification
demanded by downstream loads. When choosing COUT, be
aware of the impact of its ESR on loop stability. Refer to
LTM4660 model in LTspice to optimize and fine tune the
combination of COUT for each LTM4660 application.
CFLY and CMID Selection
For the LTM4660 μModule, capacitor banks CFLY and CMID
connected external to the μModule, are part of the energy
transfer elements. Therefore, ceramic capacitors are attrac-
tive since they have the lowest ESR. However, care should be
taken when choosing this type of capacitors. During operation
the DC voltage across CFLY and CMID is approximately half
the VIN supply, therefore the voltage rating of the capacitors
should be greater than that. As a general rule, select the volt-
age rating of the capacitor to be twice the operating voltage
of the capacitor. For the same voltage rating and capacitance,
a larger case size will have a lower failure rate.
In addition, the operating temperature of the capaci-
tors needs to be considered. For operating temperature
above 85°C, capacitors with the X7R dielectric need to
be used while X5R dielectric is adequate for operation
below 85°C. For long term reliability of the capacitor, keep
the temperature rise of the capacitor to be below 20°C,
preferably 10°C. The temperature rise of the capacitor is
dependent on the amount of RMS current through the
capacitor and the operating frequency.
Ceramic capacitors also have a large voltage coefficient, los-
ing close to half their capacitance when the DC bias across a
given capacitor is half its rated voltage. The DC bias effect on
a capacitor is greater when the case size is smaller. Factor in
these effects when deciding on the capacitance.
The ripple voltage on CFLY and CMID is given by Equation 6.
VRIPPLE =
IOUT
CBANK • fSW
2VOUT
VIN
(6)
where CBANK is either CFLY or CMID, IOUT is output current
and fSW is the switching frequency.
Ripple voltage on CFLY and CMID contributes significantly
to the power dissipated in LTM4660 (see Efficiency fig-
ures in Typical Performance Characteristics section). As a
good starting point, select enough capacitance such that
the ripple on each capacitor is less than 1% of the DC
bias voltage of the capacitor. For example, if the DC bias
voltage of the capacitor is 24V, keep the ripple to be less
than 240mV. To achieve lowest loss in LTM4660, select
the capacitance of CMID to be same as that of CFLY.
LTM4660 is designed to deliver 300W of output power
at 12VOUT. For maximum efficiency at 300W, use eight
to twelve 10μF ceramic capacitors each for CMID and
CFLY. Considering the voltage derating of ceramic capaci-
tors, for bus voltages in range of 48VIN to 54VIN, choose
ceramic capacitors rated to at least 50V.
Timer and Hysteresis
The LTM4660 μModule uses a switched capacitor hybrid
topology where the switched capacitor stage consists of CFLY
and CMID capacitorbanksconnectedalternatelyinseriesorin
parallel through the power switches inside LTM4660. During
start-up, CFLY andCMID capacitorsarecompletelydischarged.
Starting switching with the capacitors discharged may lead
to undesirably high currents through the power switches.
To circumvent this phenomenon, LTM4660 uses a patented
technology to balance the charge across the CFLY and CMID
to half of VIN during start-up.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com