Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4680
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices LTM4680 Datasheet HTML 21Page - Analog Devices LTM4680 Datasheet HTML 22Page - Analog Devices LTM4680 Datasheet HTML 23Page - Analog Devices LTM4680 Datasheet HTML 24Page - Analog Devices LTM4680 Datasheet HTML 25Page - Analog Devices LTM4680 Datasheet HTML 26Page - Analog Devices LTM4680 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTM4660
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 15. 48V to 12V Derating
Curve, No Heat Sink
Figure 16. 54V to 12V Derating
Curve, No Heat Sink
Figure 17. 48V to 15V Derating
Curve, No Heat Sink
Figure 18. 48V to 5V Derating
Curve, No Heat Sink
Figure 19. 48V to 12V Derating
Curve, No Heat Sink, CFLY and
CMID = 10μF × 10
Figure 20. 48V to 12V Derating
Curve, No Heat Sink, CFLY and
CMID = 10μF × 8
0LFM
200LFM
400LFM
TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110
0
5
10
15
20
25
30
4660 F15
0LFM
200LFM
400LFM
TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110
0
5
10
15
20
25
30
4660 F16
0LFM
200LFM
400LFM
TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110
0
5
10
15
20
25
30
4660 F17
0LFM
200LFM
400LFM
TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110
0
5
10
15
20
25
30
4660 F18
0LFM
200LFM
400LFM
TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110
0
5
10
15
20
25
30
4660 F19
0LFM
200LFM
400LFM
TEMPERATURE (°C)
20 30 40 50 60 70 80 90 100 110
0
5
10
15
20
25
30
4660 F20
(CMID and CFLY = 10μF × 12, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com