Electronic Components Datasheet Search
  English  ▼

X  

LTM4680 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4680
Description  60V, 300W Hybrid Step-Down Module Bus Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4680 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4680 Datasheet HTML 18Page - Analog Devices LTM4680 Datasheet HTML 19Page - Analog Devices LTM4680 Datasheet HTML 20Page - Analog Devices LTM4680 Datasheet HTML 21Page - Analog Devices LTM4680 Datasheet HTML 22Page - Analog Devices LTM4680 Datasheet HTML 23Page - Analog Devices LTM4680 Datasheet HTML 24Page - Analog Devices LTM4680 Datasheet HTML 25Page - Analog Devices LTM4680 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM4660
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 1. Bulk and Ceramic Capacitor Manufacturers
CIN (BULK)
COUT (BULK)
VENDORS
VALUE
PART NUMBER
VENDORS
VALUE
PART NUMBER
Panasonic
33μF, 80V
EEHZA1K330
Panasonic
150μF, 16V
16SVPC150
CIN (CERAMIC)
CFLY, CMID
VENDORS
VALUE
PART NUMBER
VENDORS
VALUE
PART NUMBER
Murata
2.2μF, 100V, 1210, X7R
GRM32DR72A225KA12
Murata
10μF, 100V, 1210, X7S
GRM32EC72A106KE05
TDK
2.2μF, 100V, 1210, X7R
C3225X7R2A225K230AB
TDK
10μF, 100V, 1210, X7R
C3225X7R2A106K250AC
COUT (CERAMIC)
Murata
10μF, 50V, 1210, X7S
GCM32EC71H106KA03
VENDORS
VALUE
PART NUMBER
TDK
10μF, 50V, 1210, X7R
C3225X5R1H106K250AB
Murata
10μF, 25V, 1210, X7S
GCM32EC7YA106KA03
TDK
10μF, 25V, 1210, X7R
C3225X7R1E106K250AC
Table 2. Component Selection Table for Typical LTM4660 Applications
VIN
(V)
VOUT
(V)
IOUT = 25A
CIN
(BULK)
(μF)
CIN
(CERAMIC)
(μF)
COUT
(BULK)
(μF)
COUT
(CERAMIC)
(μF)
CFLY
(μF)
CMID
(μF)
RVFB
(kΩ)
RFREQ
(kΩ)
RHYS_PRGM
(kΩ)
TIMER
(μF)
48
12
33
10
150 ×2
10 ×3
10 ×10
10 ×10
4.32
49.9
100
1
54
12
22
10
150 ×2
10 ×3
10 ×12
10 ×12
4.32
49.9
100
1
48
5
33
10
100 ×2
10 ×2
10 ×12
10 ×12
11.49
39.9
100
1
54
9
22
10
100 ×2
10 ×2
10 ×10
10 ×10
5.92
43.2
100
1
Safety Considerations
The LTM4660 does not provide galvanic isolation between
the input and output. There is no internal fuse. If required,
a slow blow fuse with a rating of twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure. The device does support over current
protection. The temperature diode along with TEMP pin
can be used to detect the need for thermal shutdown that
can be done by controlling the RUN pin.
BGA pinout of LTM4660 is such that high voltage pins (VIN
and C+) have a clearance of one BGA ball from adjacent
lower voltage pins.
Power Derating
Derating curves in Figure 15 to Figure 20 can be used to
calculate approximate values of θJA thermal resistance
with various airflow conditions.
Radiated EMI Noise
Potential for EM interference (EMI) is inherent to all
switching regulators. Fast switching turn-on and turn-
off of the power MOSFETs—necessary for achieving
high efficiency—create high frequency (~30MHz +) di/dt
changes within DC/DC converters. This activity tends to
be the dominant source of high frequency EMI radiation in
such systems. The high level of device integration within
LTM4660 along with soft switching of power MOSFETs
delivers low radiated EMI noise performance. EMI graph
in the Typical Performance Characteristics section shows
an example of LTM4660 meeting radiation emission limits
established by CISPR22 Class B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com