Electronic Components Datasheet Search
  English  ▼

X  

34AA02 Datasheet(PDF) 7 Page - Microchip Technology

Part # 34AA02
Description  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02 Datasheet(HTML) 7 Page - Microchip Technology

Back Button 34AA02 Datasheet HTML 3Page - Microchip Technology 34AA02 Datasheet HTML 4Page - Microchip Technology 34AA02 Datasheet HTML 5Page - Microchip Technology 34AA02 Datasheet HTML 6Page - Microchip Technology 34AA02 Datasheet HTML 7Page - Microchip Technology 34AA02 Datasheet HTML 8Page - Microchip Technology 34AA02 Datasheet HTML 9Page - Microchip Technology 34AA02 Datasheet HTML 10Page - Microchip Technology 34AA02 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002029G-page 7
34AA02/34LC02
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
2.1
A0, A1, A2 Chip Address Inputs
The levels on these inputs are compared with the
corresponding bits in the client address. The chip is
selected if the compare is true.
Up to eight 34XX02 devices (four for the SOT-23
package) may be connected to the same bus by using
different Chip Select bit combinations. These inputs
must be connected to either VSS or VCC. The A0 pin is
also used to detect VHV.
2.2
Serial Address/Data Input/Output
(SDA)
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an
open-drain terminal. Therefore, the SDA bus requires a
pull-up resistor to VCC (typical 10 k
 for 100 kHz, 2 k
for 400kHz and 1MHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
2.3
Serial Clock (SCL)
This input is used to synchronize the data transfer to
and from the device.
2.4
Write-Protect (WP)
This is the hardware write-protect pin. It can be tied to
VCC or VSS. If tied to VCC, the hardware write protection
is enabled. If the WP pin is tied to VSS, the hardware
write protection is disabled.
TABLE 2-1:
PIN FUNCTION TABLE
Name
MSOP
PDIP
SOIC
SOT-23
TDFN
TSSOP
Description
A0
1
1
1
5
1
1
Chip Address Input
A1
2
2
2
4
2
2
Chip Address Input
A2
3
3
3
—
3
3
Chip Address Input
VSS
4
4
42
44
Ground
SDA
5
5
5
3
5
5
Serial Address/Data I/O
SCL
6
6
6
1
6
6
Serial Clock
WP
7
7
7
—
7
7
Write-Protect Input
VCC
8
8
8
6
8
8
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com