Electronic Components Datasheet Search
  English  ▼

X  

34AA02 Datasheet(PDF) 11 Page - Microchip Technology

Part # 34AA02
Description  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 34AA02 Datasheet HTML 7Page - Microchip Technology 34AA02 Datasheet HTML 8Page - Microchip Technology 34AA02 Datasheet HTML 9Page - Microchip Technology 34AA02 Datasheet HTML 10Page - Microchip Technology 34AA02 Datasheet HTML 11Page - Microchip Technology 34AA02 Datasheet HTML 12Page - Microchip Technology 34AA02 Datasheet HTML 13Page - Microchip Technology 34AA02 Datasheet HTML 14Page - Microchip Technology 34AA02 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002029G-page 11
34AA02/34LC02
7.0
WRITE PROTECTION
The 34XX02 has two software write-protect features
(SWP and PSWP) that allows the lower half of the array
(addresses 00h-7Fh) to be write-protected, as well as
a WP pin that can be used to protect the entire array.
The permanent software write-protect feature is
enabled by sending the device a special command.
Once this feature has been enabled, it cannot be
reversed. The resettable software write-protect feature
is also enabled by sending the device a special
command but can be reset by issuing another special
command. In addition to the software protect features,
there is a WP pin that can be used to write-protect the
entire array, regardless of whether the software
write-protect register has been written or not.
Table 7-2 and Table 7-3 describe how the 34XX02 will
acknowledge specific commands under various
circumstances.
7.1
Hardware Write Protection
The WP pin allows the user to write-protect the entire
array (00-FF) when the pin is tied to VCC. If the pin is
tied to VSS, the write protection is disabled.
7.2
Software Write Protection (SWP)
and Clear Software Write
Protection (CSWP)
In addition to hardware write-protect, the 34XX02 has
an additional software write-protect feature that, when
set, protects the first 128 bytes (00-7Fh) of the array
from being written.
Setting the software write protection is done by sending
the SWP instruction. SWP can also then be cleared by
issuing a CSWP instruction (see Figure 7-1).
These two instructions follow the same format as the
Byte Write instruction with the exception of the Device
Type Identifier, (typically ‘1010’, instead changes
to ‘0110’). Once this identifier is recognized by the
device, the rest of the Byte Write command, address
and data are “don’t cares”. In addition to the identifier,
high voltage must be applied to the A0 pin of the device
and specific levels must be present on A1 and A2. See
Table 7-1 for the available commands.
7.3
Permanent Software Write-Protect
(PSWP)
The Permanent Software Write Protect (PSWP) is
another instruction that may be used to permanently
protect the first 128 byte of the array. Once this
command is issued, the user will no longer have the
ability to clear this feature regardless of instruction,
power cycling or state of the WP pin. Also, once this
instruction has been executed, the device will no
longer acknowledge the device identifier ‘0110’.
FIGURE 7-1:
SOFTWARE WRITE PROTECTION FOR SWP, CSWP, PSWP OR CPSWP
Bus Activity
Host
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
Byte
Data
S
T
O
P
A
C
K
A
C
K
A
C
K
S 0 110
0
A
2
A
1
A
0
P
“Don’t Care”
“Don’t Care”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com