Electronic Components Datasheet Search
  English  ▼

X  

34AA02 Datasheet(PDF) 12 Page - Microchip Technology

Part # 34AA02
Description  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 34AA02 Datasheet HTML 8Page - Microchip Technology 34AA02 Datasheet HTML 9Page - Microchip Technology 34AA02 Datasheet HTML 10Page - Microchip Technology 34AA02 Datasheet HTML 11Page - Microchip Technology 34AA02 Datasheet HTML 12Page - Microchip Technology 34AA02 Datasheet HTML 13Page - Microchip Technology 34AA02 Datasheet HTML 14Page - Microchip Technology 34AA02 Datasheet HTML 15Page - Microchip Technology 34AA02 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
34AA02/34LC02
DS20002029G-page 12
 2007-2022 Microchip Technology Inc. and its subsidiaries
TABLE 7-1:
SOFTWARE WRITE PROTECTION INSTRUCTION SET WP = 0
Instruction
Address Pins
Device Type Identifier
Chip Select Bits
R/W
A2
A1
A0(1)
B7
B6
B5
B4
B3(2)
B2(2)
B1(2)
B0
SWP
VSS
VSS
VHV
01100010
CSWP
VSS
VCC
VHV
01100110
PSWP
A2
A1
A0
0110
A2
A1
A0
0
Read SWP
VSS
VSS
VHV
01100011
Read CSWP
VSS
VCC
VHV
01100111
Read PSWP
A2
A1
A0
0110
A2
A1
A0
1
Note 1: A0 is used to detect VHV for the SWP and CSWP commands.
2: B3, B2 and B1 are compared to the A2, A1 and A0 external pins, respectively.
TABLE 7-2:
ACKNOWLEDGE TABLE FOR WRITE OR WRITE PROTECTION WITH R/W = 0
Status
Write- Protect
Instruction
ACK
Address
ACK
Data Byte
ACK
Write
Cycle
Permanently
Protected
x
PSWP, SWP, CSWP
No ACK Don’t Care No ACK Don’t Care
No ACK
No
Page or Byte Write
in lower 128 bytes
ACK
Address
ACK
Data
No ACK
No
Protected
with SWP
0
SWP
No ACK Don’t Care No ACK Don’t Care
No ACK
No
CSWP
ACK
Don’t Care
ACK
Don’t Care
ACK
Yes
PSWP
ACK
Don’t Care
ACK
Don’t Care
ACK
Yes
Page or Byte Write
in lower 128 bytes
ACK
Address
ACK
Data
No ACK
No
1
SWP
No ACK Don’t Care No ACK Don’t Care
No ACK
No
CSWP
ACK
Don’t Care
ACK
Don’t Care
No ACK
No
PSWP
ACK
Don’t Care
ACK
Don’t Care
No ACK
No
Page or Byte Write
ACK
Address
ACK
Data
No ACK
No
Not Protected
0
PSWP, SWP or CSWP
ACK
Don’t Care
ACK
Don’t Care
ACK
Yes
Page or Byte Write
ACK
Address
ACK
Data
ACK
Yes
1
PSWP, SWP or CSWP
ACK
Don’t Care
ACK
Don’t Care
No ACK
No
Page or Byte Write
ACK
Address
ACK
Address
No ACK
No
TABLE 7-3:
ACKNOWLEDGE TABLE FOR WRITE OR WRITE PROTECTION WITH R/W = 1
Status
Instruction
ACK
Permanently Protected
PSWP, SWP, CSWP
No ACK
Protected with SWP
SWP
No ACK
CSWP
ACK
PSWP
ACK
Not protected
PSWP, SWP, CSWP
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com