Electronic Components Datasheet Search
  English  ▼

X  

34AA02 Datasheet(PDF) 14 Page - Microchip Technology

Part # 34AA02
Description  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 34AA02 Datasheet HTML 10Page - Microchip Technology 34AA02 Datasheet HTML 11Page - Microchip Technology 34AA02 Datasheet HTML 12Page - Microchip Technology 34AA02 Datasheet HTML 13Page - Microchip Technology 34AA02 Datasheet HTML 14Page - Microchip Technology 34AA02 Datasheet HTML 15Page - Microchip Technology 34AA02 Datasheet HTML 16Page - Microchip Technology 34AA02 Datasheet HTML 17Page - Microchip Technology 34AA02 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
34AA02/34LC02
DS20002029G-page 14
 2007-2022 Microchip Technology Inc. and its subsidiaries
9.0
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
client address is set to ‘
1’. There are three basic types
of read operations: current address read, random read
and sequential read.
9.1
Current Address Read
The 34XX02 contains an Address Pointer that
maintains the address of the last word accessed,
internally incremented by one. Therefore, if the
previous access (either a read or write operation) was
to address ‘
n’, the next current address read operation
would access data from address
n+1.
Upon receipt of the client address with R/W bit set
to ‘
1’, the 34XX02 issues an Acknowledge and
transmits the 8-bit data word. The host will not
acknowledge the transfer, but does generate a Stop
condition and the 34XX02 discontinues transmission
(Figure 9-1).
9.2
Random Read
Random read operations allow the host to access any
memory location in a random manner. To perform this
type of read operation, the word address must first be
set. This is done by sending the word address to the
34XX02 as part of a write operation. Once the word
address is sent, the host generates a Start condition
following the Acknowledge. This terminates the write
operation, but not before the internal Address Pointer is
set. The host then issues the control byte again, but
with the R/W bit set to a ‘
1’. The 34XX02 then issues
an Acknowledge and transmits the 8-bit data word. The
host will not acknowledge the transfer, but does
generate
a
Stop
condition
and
the
34XX02
discontinues transmission (Figure 9-2).
9.3
Sequential Read
Sequential reads are initiated in the same way as a
random read, with the exception that after the 34XX02
transmits the first data byte, the host issues an
Acknowledge, as opposed to a Stop condition in a
random read. This directs the 34XX02 to transmit the
next sequentially addressed 8-bit word (Figure 9-3).
To provide sequential reads, the 34XX02 contains an
internal Address Pointer, which is incremented by one
at the completion of each operation. This Address
Pointer allows the entire memory contents to be serially
read during one operation.
9.4
Contiguous Addressing Across
Multiple Devices
The Chip Select bits (A2, A1, A0) can be used to
expand the contiguous address space for up to 16K bits
by adding up to eight 34XX02 devices on the same
bus. In this case, the software can use A0 of the control
byte as address bit A8, A1 as address bit A9 and A2 as
address bit A10. It is not possible to sequentially read
across device boundaries.
9.5
Noise Protection and Brown-Out
The 34XX02 employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 1.35V at nominal conditions.
The SCL and SDA inputs have Schmitt Trigger and
filter circuits which suppress noise spikes to assure
proper device operation, even on a noisy bus.
FIGURE 9-1:
CURRENT ADDRESS READ
SP
Bus Activity
Host
SDA Line
Bus Activity
S
T
O
P
Control
Byte
Data Byte
A
C
K
N
O
A
C
K
S
T
A
R
T
10 1
1
A
2
A
1
A
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com