Electronic Components Datasheet Search
  English  ▼

X  

MPC8315 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC8315
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC8315 Datasheet HTML 24Page - NXP Semiconductors MPC8315 Datasheet HTML 25Page - NXP Semiconductors MPC8315 Datasheet HTML 26Page - NXP Semiconductors MPC8315 Datasheet HTML 27Page - NXP Semiconductors MPC8315 Datasheet HTML 28Page - NXP Semiconductors MPC8315 Datasheet HTML 29Page - NXP Semiconductors MPC8315 Datasheet HTML 30Page - NXP Semiconductors MPC8315 Datasheet HTML 31Page - NXP Semiconductors MPC8315 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
28
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
9.2.2
RMII AC Timing Specifications
This section describes the RMII transmit and receive AC timing specifications.
9.2.2.1
RMII Transmit AC Timing Specifications
This section describes the RMII transmit and receive AC timing specifications. This table provides the
RMII transmit AC timing specifications.
This figure shows the RMII transmit AC timing diagram.
Figure 13. RMII Transmit AC Timing Diagram
9.2.2.2
RMII Receive AC Timing Specifications
This table provides the RMII receive AC timing specifications.
Table 27. RMII Transmit AC Timing Specifications
At recommended operating conditions with LVDD of 3.3 V ± 300 mv
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
REF_CLK clock
tRMX
—20—
ns
REF_CLK duty cycle
tRMXH/tRMX
35
—
65
%
REF_CLK to RMII data TXD[1:0], TX_EN delay
tRMTKHDX
2
—
10
ns
REF_CLK data clock rise VIL(min) to VIH(max)
tRMXR
1.0
—
4.0
ns
REF_CLK data clock fall VIH(max) to VIL(min)
tRMXF
1.0
—
4.0
ns
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first three letters of functional block)(signal)(state) (reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tRMTKHDX symbolizes RMII
transmit timing (RMT) for the time tRMX clock reference (K) going high (H) until data outputs (D) are invalid (X). Note that, in
general, the clock reference symbol representation is based on two to three letters representing the clock of a particular
functional. For example, the subscript of tRMX represents the RMII(RM) reference (X) clock. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
Table 28. RMII Receive AC Timing Specifications
At recommended operating conditions with LVDD of 3.3 V ± 300 mv
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
REF_CLK clock period
tRMX
—20—
ns
REF_CLK duty cycle
tRMXH/tRMX
35
—
65
%
REF_CLK
TXD[1:0]
tRMTKHDX
tRMX
tRMXH
tRMXR
tRMXF
TX_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com