Electronic Components Datasheet Search
  English  ▼

X  

MPC8315 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # MPC8315
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MPC8315 Datasheet HTML 28Page - NXP Semiconductors MPC8315 Datasheet HTML 29Page - NXP Semiconductors MPC8315 Datasheet HTML 30Page - NXP Semiconductors MPC8315 Datasheet HTML 31Page - NXP Semiconductors MPC8315 Datasheet HTML 32Page - NXP Semiconductors MPC8315 Datasheet HTML 33Page - NXP Semiconductors MPC8315 Datasheet HTML 34Page - NXP Semiconductors MPC8315 Datasheet HTML 35Page - NXP Semiconductors MPC8315 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
32
Freescale Semiconductor
Ethernet: Three-Speed Ethernet, MII Management
9.3.2
MII Management AC Electrical Specifications
This table provides the MII management AC timing specifications.
Input low current
IIL
NVDD = Max
VIN = 0.5 V
–600
—
A
Note:
1. The symbol VIN, in this case, represents the NVIN symbol referenced in Table 1 and Table 2.
Table 31. MII Management AC Timing Specifications
At recommended operating conditions with NVDD is 3.3 V ± 300 mv
Parameter/Condition
Symbol 1
Min
Typ
Max
Unit
Note
MDC frequency
fMDC
—2.5
—
MHz
2
MDC period
tMDC
—
400
—
ns
—
MDC clock pulse width high
tMDCH
32
—
—
ns
—
MDC to MDIO delay
tMDKHDX
10
—
170
ns
3
MDIO to MDC setup time
tMDDVKH
5—
—
ns
—
MDIO to MDC hold time
tMDDXKH
0—
—
ns
—
MDC rise time
tMDCR
—
—
10
ns
—
MDC fall time
tMDHF
—
—
10
ns
—
Note:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state)
for inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tMDKHDX symbolizes
management data timing (MD) for the time tMDC from clock reference (K) high (H) until data outputs (D) are invalid (X) or data
hold time. Also, tMDDVKH symbolizes management data timing (MD) with respect to the time data input signals (D) reach the
valid state (V) relative to the tMDC clock reference (K) going to the high (H) state or setup time. For rise and fall times, the latter
convention is used with the appropriate letter: R (rise) or F (fall).
2. This parameter is dependent on the csb_clk speed (that is, for a csb_clk of 133 MHz, the maximum frequency is 4.16 MHz and
the minimum frequency is 0.593 MHz).
3. This parameter is dependent on the csb_clk speed (that is, for a csb_clk of 133 MHz, the delay is 60 ns).
Table 30. MII Management DC Electrical Characteristics Powered at 3.3 V (continued)
Parameter
Symbol
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com