Electronic Components Datasheet Search
  English  ▼

X  

MPC8315 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MPC8315
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MPC8315 Datasheet HTML 45Page - NXP Semiconductors MPC8315 Datasheet HTML 46Page - NXP Semiconductors MPC8315 Datasheet HTML 47Page - NXP Semiconductors MPC8315 Datasheet HTML 48Page - NXP Semiconductors MPC8315 Datasheet HTML 49Page - NXP Semiconductors MPC8315 Datasheet HTML 50Page - NXP Semiconductors MPC8315 Datasheet HTML 51Page - NXP Semiconductors MPC8315 Datasheet HTML 52Page - NXP Semiconductors MPC8315 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
49
PCI
This figure shows the AC timing diagram for the I2C bus.
Figure 34. I2C Bus AC Timing Diagram
14 PCI
This section describes the DC and AC electrical specifications for the PCI bus of the MPC8315E.
14.1
PCI DC Electrical Characteristics
This table provides the DC electrical characteristics for the PCI interface.
14.2
PCI AC Electrical Specifications
This section describes the general AC timing parameters of the PCI bus. Note that the PCI_CLK or
PCI_SYNC_IN signal is used as the PCI input clock depending on whether the MPC8315E is configured
as a host or agent device. This table shows the PCI AC timing specifications at 66 MHz.
.
Table 49. PCI DC Electrical Characteristics 1
Parameter
Symbol
Test Condition
Min
Max
Unit
High-level input voltage
VIH
VOUT VOH (min) or
0.5 x NVDD
NVDD + 0.3
V
Low-level input voltage
VIL
VOUT  VOL (max)
–0.5
0.3
 NVDD
V
High-level output voltage
VOH
NVDD = min,
IOH = –500 A
0.9 x NVDD
—
V
Low-level output voltage
VOL
NVDD = min,
IOL = 1500 A
—
0.1 x NVDD
V
Input current
IIN
0 V
V
IN NVDD
—
± 10
A
Note:
1. The symbol VIN, in this case, represents the NVIN symbol referenced in Table 1 and Table 2.
Table 50. PCI AC Timing Specifications at 66 MHz
Parameter
Symbol 1
Min
Max
Unit
Note
Clock to output valid
tPCKHOV
—6.0
ns
2
Output hold from clock
tPCKHOX
1—
ns
2
Clock to output high impedance
tPCKHOZ
—14
ns
2, 3
Input setup to clock
tPCIVKH
3.3
—
ns
2, 4
Sr
S
SDA
SCL
tI2CF
tI2SXKL
tI2CL
tI2CH
tI2DXKL
tI2DVKH
tI2SXKL
tI2SVKH
tI2KHKL
tI2PVKH
tI2CR
tI2CF
PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com