Electronic Components Datasheet Search
  English  ▼

X  

MPC8315 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPC8315
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPC8315 Datasheet HTML 8Page - NXP Semiconductors MPC8315 Datasheet HTML 9Page - NXP Semiconductors MPC8315 Datasheet HTML 10Page - NXP Semiconductors MPC8315 Datasheet HTML 11Page - NXP Semiconductors MPC8315 Datasheet HTML 12Page - NXP Semiconductors MPC8315 Datasheet HTML 13Page - NXP Semiconductors MPC8315 Datasheet HTML 14Page - NXP Semiconductors MPC8315 Datasheet HTML 15Page - NXP Semiconductors MPC8315 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
12
Freescale Semiconductor
Electrical Characteristics
3.2
Power Sequencing
The MPC8315E does not require the core supply voltage (VDD and VDDC) and I/O supply voltages
(GVDD, LVDDx_ON, LVDDx_OFF, NVDDx_ON and NVDDx_OFF) to be applied in any particular
order. During the power ramp up, before the power supplies are stable, if the I/O voltages are supplied
before the core voltage, there may be a period of time when all input and output pins be actively driven
and cause contention and/or excessive current. In order to avoid actively driving the I/O pins and to
eliminate excessive current draw, apply the continuous core voltage (VDDC) before the continuous I/O
voltages (LVDDx_ON and NVDDx_ON) and switchable core voltage (VDD) before the switchable I/O
voltages (GVDD, LVDDx_OFF, and NVDDx_OFF). PORESET should be asserted before the continuous
power supplies fully ramp up. In the case where the core voltage is applied first, the core voltage supply
must rise to 90% of its nominal value before the I/O supplies reach 0.7 V, see Figure 3. Once all the power
supplies are stable, wait for a minimum of 32 clock cycles before negating PORESET.
The I/O power supply ramp-up slew rate should be slower than 4V/100 s, this requirement is for ESD
circuit.
This figure shows the power-up sequencing for switchable and continuous supplies.
Figure 3. Power-Up Sequencing
When switching from normal mode to D3 warm (standby) mode, first turn off the switchable I/O voltage
supply and then turn off the switchable core voltage supply. Similarly, when switching from D3 warm
(standby) mode to normal mode, first turn on the switchable core voltage supply and then turn on the
switchable I/O voltage supply.
DUART, system control, I2C, JTAG,SPI
42
NVDD = 3.3 V
GPIO signals
42
NVDD = 3.3 V
eTSEC
42
LVDD = 3.3 V / 2.5 V
1 Output Impedance can also be adjusted through configurable options in DDR
Control Driver Register (DDRCDR). See the MPC8315E PowerQUICC II Pro
Integrated Host Processor Family Reference Manual.
Table 3. Output Drive Capability (continued)
Driver Type
Output
Impedance (
)
Supply
Voltage
Continuous I/O Voltage
Continuous Core Voltage
0.7 V
90%
t
V
Switchable I/O Voltage
Switchable Core Voltage (VDD)
0.7 V
90%
t
V
Power sequence for continuous power supplies
Power sequence for switchable power supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com