Electronic Components Datasheet Search
  English  ▼

X  

MPC8315ECVRADDA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC8315ECVRADDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315ECVRADDA Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC8315ECVRADDA Datasheet HTML 1Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 2Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 3Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 4Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 5Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 6Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 7Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 8Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
4
Freescale Semiconductor
MPC8315E Features
— Combines a True Random Number Generator (TRNG) and a NIST-approved Pseudo-Random
Number Generator (PRNG) (as described in Annex C of FIPS140-2 and ANSI X9.62).
•
Cyclical Redundancy Check Hardware Accelerator (CRCA)
— Implements CRC32C as required for iSCSI header and payload checksums, CRC32 as required
for IEEE 802 packets, as well as for programmable 32 bit CRC polynomials
2.4
DDR Memory Controller
The DDR1/DDR2 memory controller includes the following features:
•
Single 16- or 32-bit interface supporting both DDR1 and DDR2 SDRAM
•
Support for up to 266 MHz data rate
•
Support for two physical banks (chip selects), each bank independently addressable
•
64-Mbit to 2-Gbit (for DDR1) and to 4-Gbit (for DDR2) devices with x8/x16 data ports (no direct
x4 support)
•
Support for one 16-bit device or two 8-bit devices on a 16-bit bus or two 16-bit devices on a 32-bit
bus
•
Support for up to 16 simultaneous open pages
•
Supports auto refresh
•
On-the-fly power management using CKE
•
1.8-/2.5-V SSTL2 compatible I/O
2.5
PCI Controller
The PCI controller includes the following features:
•
Designed to comply with PCI Local Bus Specification Revision 2.3
•
Single 32-bit data PCI interface operates at up to 66 MHz
•
PCI 3.3-V compatible (not 5-V compatible)
•
Support for host and agent modes
•
On-chip arbitration, supporting three external masters on PCI
•
Selectable hardware-enforced coherency
2.6
TDM Interface
The TDM interface includes the following features:
•
Independent receive and transmit with dedicated data, clock and frame sync line
•
Separate or shared RCK and TCK whose source can be either internal or external
•
Glueless interface to E1/T1 frames and MVIP, SCAS, and H.110 buses
•
Up to 128 time slots, where each slot can be programmed to be active or inactive
•
8- or 16-bit word widths
•
The TDM Transmitter Sync Signal (TFS), Transmitter Clock Signal (TCK) and Receiver Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com