Electronic Components Datasheet Search
  English  ▼

X  

MPC8315ECVRADDA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC8315ECVRADDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315ECVRADDA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC8315ECVRADDA Datasheet HTML 4Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 5Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 6Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 7Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 8Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 9Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 10Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 11Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
8
Freescale Semiconductor
Electrical Characteristics
using a simple handshake protocol. The three user programmable machines (UPMs) can be programmed
to interface to synchronous devices or custom ASIC interfaces. Each chip select can be configured so that
the associated chip interface can be controlled by the GPCM or UPM controller. Both may exist in the
same system. The local bus can operate at up to 66 MHz.
The system timers include the following features: periodic interrupt timer, real time clock, software
watchdog timer, and two general-purpose timer blocks.
3
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8315E, which is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but they are included for complete reference. These are not purely I/O buffer
design specifications.
3.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
3.1.1
Absolute Maximum Ratings
This table provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings 1
Characteristic
Symbol
Max Value
Unit
Note
Core supply voltage
VDD
–0.3 to 1.26
V
—
PLL supply voltage
AVDD
–0.3 to 1.26
V
—
DDR1 DRAM I/O supply voltage
GVDD
–0.3 to 2.7
V
—
DDR2 DRAM I/O supply voltage
GVDD
–0.3 to 1.9
V
—
PCI, local bus, DUART, system control and power
management, I2C, Ethernet management, 1588 timer and
JTAG I/O voltage
NVDD
–0.3 to 3.6
V
7
USB, and eTSEC I/O voltage
LVDD
–0.3 to 2.75 or
–0.3 to 3.6
V6, 8
PHY voltage
USB PHY
USB_PLL_PWR1
–0.3 to 1.26
V
—
USB_PLL_PWR3,
USB_VDDA_BIAS,
VDDA
–0.3 to 3.6
V
—
SERDES PHY
XCOREVDD,
XPADVDD,
SDAVDD
–0.3 to 1.26
V
—
SATA PHY
SATA_VDD,
VDD1IO,
VDD1ANA
–0.3 to 1.26
V
—
VDD33PLL,
VDD33ANA
–0.3 to 3.6
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com