Electronic Components Datasheet Search
  English  ▼

X  

MPC8315ECVRADDA Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC8315ECVRADDA
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8315ECVRADDA Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC8315ECVRADDA Datasheet HTML 2Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 3Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 4Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 5Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 6Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 7Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 8Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 9Page - NXP Semiconductors MPC8315ECVRADDA Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 106 page
background image
MPC8315E PowerQUICC II Pro Processor Hardware Specifications, Rev. 2
6
Freescale Semiconductor
MPC8315E Features
2.9
Dual Serial ATA (SATA) Controllers
The SATA controllers have the following features:
•
Designed to comply with Serial ATA Rev 2.5 Specification
•
ATAPI 6+
•
Spread spectrum clocking on receive
•
Asynchronous notification
•
Hot plug including asynchronous signal recovery
•
Link power management
•
Native command queuing
•
Staggered spin-up and port multiplier support
•
SATA 1.5 and 3.0 Gbps operation
•
Interrupt driven
•
Power management support
•
Error handling and diagnostic features
— Far end/near end loopback
— Failed CRC error reporting
— Increased ALIGN insertion rates
— Scrambling and CONT override
2.10
Dual Enhanced Three-Speed Ethernet Controllers (eTSECs)
The eTSECs include the following features:
•
Two SGMII/RGMII/MII/RMII/RTBI interfaces
•
Two controllers designed to comply with IEEE Std 802.3™, IEEE 802.3u™, IEEE 802.3x™,
IEEE 802.3z™, IEEE 802.3au™, IEEE 802.3ab™, and IEEE Std 1588™
•
Support for Wake-on-Magic Packet™, a method to bring the device from standby to full operating
mode
•
MII management interface for external PHY control and status.
2.11
Integrated Programmable Interrupt Controller (IPIC)
The integrated programmable interrupt controller (IPIC) provides a flexible solution for general-purpose
interrupt control. The IPIC programming model is compatible with the MPC8260 interrupt controller and
supports external and internal discrete interrupt sources. Interrupts can also be redirected to an external
interrupt controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com