Electronic Components Datasheet Search
  English  ▼

X  

MIMXRT406LCJM4A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # MIMXRT406LCJM4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT406LCJM4A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button MIMXRT406LCJM4A Datasheet HTML 13Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 14Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 15Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 16Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 17Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 18Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 19Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 20Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 3.1, 03/2022
NXP Semiconductors
17
4.1.3
Operating ranges
Table 9 provides the operating ranges of the i.MX RT1015 processors. For details on the chip's power
structure, see the “Power Management Unit (PMU)” chapter of the i.MX RT1015 Reference Manual
(IMXRT1015RM).
Table 9. Operating ranges
Parameter
Description
Symbol
Operating
Conditions
Min
Typ Max1 Unit
Comment
Run Mode
VDD_SOC_IN
Overdrive
1.25
—
1.3
V
—
VDD_SOC_IN
M7 core at 396
MHz
1.15
—
1.3
V
—
M7 core at 132
MHz
1.15
—
1.3
M7 core at 24
MHz
0.925 —
1.3
IDLE Mode
VDD_SOC_IN
M7 core
operation at 396
MHz or below
1.15
—
1.3
V
—
SUSPEND (DSM)
Mode
VDD_SOC_IN
—
0.925 —
1.3
V
Refer to Table 12 Low power mode
current and power consumption
SNVS Mode
VDD_SOC_IN
—
0
1.3
V
—
Power for DCDC
DCDC_IN
—
3.0
3.3
3.6
—
VDD_HIGH
internal regulator
VDD_HIGH_IN2
—
3.0
—
3.6
V
Must match the range of voltages
that the rechargeable backup
battery supports.
Backup battery
supply range
VDD_SNVS_IN3
—
2.40
—
3.6
V
Can be combined with
VDDHIGH_IN, if the system does
not require keeping real time and
other data on OFF state.
USB supply
voltages
USB_OTG1_VBUS —
4.40
—
5.5
V
—
GPIO supplies
NVCC_GPIO
—
3.0
3.3
3.6
V
All digital I/O supplies
(NVCC_xxxx) must be powered
(unless otherwise specified in this
data sheet) under normal
conditions whether the associated
I/O pins are in use or not.
A/D converter
VDDA_ADC_3P3
—
3.0
3.3
3.6
V
VDDA_ADC_3P3 must be
powered even if the ADC is not
used.
VDDA_ADC_3P3 cannot be
powered when the other SoC
supplies (except VDD_SNVS_IN)
are off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com