Electronic Components Datasheet Search
  English  ▼

X  

MIMXRT406LCJM4A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MIMXRT406LCJM4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT406LCJM4A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MIMXRT406LCJM4A Datasheet HTML 3Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 4Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 5Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 6Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 7Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 8Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 9Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 10Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
Architectural overview
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 3.1, 03/2022
NXP Semiconductors
7
2
Architectural overview
The following subsections provide an architectural overview of the i.MX RT1015 processor system.
2.1
Block diagram
Figure 2 shows the functional modules in the i.MX RT1015 processor system1.
.
Figure 2. i.MX RT1015 system block diagram
1. Some modules shown in this block diagram are not offered on all derivatives. See Table 1 for details.
Internal Memory
256 KB OCRAM
shared with TCM
96 KB ROM
External Memory
Connectivity
eMMC 4.5 / SD 3.0 x2
8 x 8 Keypad
Security
I2C x4
UART x8
S/PDIF Tx / Rx
GPIO
SPI x4
ADC
System Control
Secure JTAG
PLL / OSC
RTC and Reset
Enhanced DMA
IOMUX
GP Timer x6
CPU Platform
ARM Cortex-M7
16 KB I-cache
16 KB D-cache
FPU
FlexSPI (dual-Channel QuadSPI
NAND and NOR, Octal Flash, and RAM)
External Memory Controller
8/16 bit SDRAM
Parallel NOR Flash
NAND Flash
PSRAM
MPU
NVIC
Up to 256 KB TCM
FlexCAN x2
USB2.0 OTG with PHY
10 / 100 ENET
with IEEE 1588 x1
ADC x2
ACMP x4
Ciphers
HAB
Quadrature ENC x2
QuadTimer
FlexPWM
Watch Dog x4
Power Management
DCDC
LDO
Temp Monitor
I2S / SAI x3
(4-Channel) x2
(12-Channel) x2
Secure RTC
eFuse
RNG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com