Electronic Components Datasheet Search
  English  ▼

X  

MIMXRT406LCJM4A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MIMXRT406LCJM4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MIMXRT406LCJM4A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MIMXRT406LCJM4A Datasheet HTML 5Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 6Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 7Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 8Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 9Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 10Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 11Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 12Page - NXP Semiconductors MIMXRT406LCJM4A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
Modules list
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 3.1, 03/2022
NXP Semiconductors
9
ENC
Quadrature
Encoder/Decoder
Timer Peripherals
The enhanced quadrature encoder/decoder module
provides interfacing capability to position/speed
sensors. There are five input signals: PHASEA,
PHASEB, INDEX, TRIGGER, and HOME. This module
is used to decode shaft position, revolution count, and
speed.
EWM
External Watchdog
Monitor
Timer Peripherals
The EWM modules is designed to monitor external
circuits, as well as the software flow. This provides a
back-up mechanism to the internal WDOG that can
reset the system. The EWM differs from the internal
WDOG in that it does not reset the system. The EWM,
if allowed to time-out, provides an independent trigger
pin that when asserted resets or places an external
circuit into a safe mode.
FlexIO1
Flexible Input/output
Connectivity and
Communications
The FlexIO is capable of supporting a wide range of
protocols including, but not limited to: UART, I2C, SPI,
I2S, camera interface, display interface, PWM
waveform generation, etc. The module can remain
functional when the chip is in a low power mode
provided the clock it is using remain active.
FlexPWM1
Pulse Width Modulation
Timer Peripherals
The pulse-width modulator (PWM) contains four PWM
sub-modules, each of which is set up to control a single
half-bridge power stage. Fault channel support is
provided. The PWM module can generate various
switching patterns, including highly sophisticated
waveforms.
FlexRAM
RAM
Memories
The i.MX RT1015 has 128 KB of on-chip RAM which
could be flexible allocated to I-TCM, D-TCM, and
on-chip RAM (OCRAM) in a 32 KB granularity. The
FlexRAM is the manager of the 128 KB on-chip RAM
array. Major functions of this blocks are: interfacing to
I-TCM and D-TCM of Arm core and OCRAM controller;
dynamic RAM arrays allocation for I-TCM, D-TCM, and
OCRAM.
FlexSPI
Quad Serial Peripheral
Interface
Connectivity and
Communications
FlexSPI acts as an interface to one or two external
serial flash devices, each with up to four bidirectional
data lines.
GPIO1
GPIO2
GPIO3
GPIO5
General Purpose I/O
Modules
System Control
Peripherals
Used for general purpose input/output to external ICs.
Each GPIO module supports up to 32 bits of I/O.
Table 2. i.MX RT1015 modules list (continued)
Block mnemonic
Block name
Subsystem
Brief description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com