Electronic Components Datasheet Search
  English  ▼

X  

MPC5643L Datasheet(PDF) 111 Page - NXP Semiconductors

Part # MPC5643L
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5643L Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button MPC5643L Datasheet HTML 107Page - NXP Semiconductors MPC5643L Datasheet HTML 108Page - NXP Semiconductors MPC5643L Datasheet HTML 109Page - NXP Semiconductors MPC5643L Datasheet HTML 110Page - NXP Semiconductors MPC5643L Datasheet HTML 111Page - NXP Semiconductors MPC5643L Datasheet HTML 112Page - NXP Semiconductors MPC5643L Datasheet HTML 113Page - NXP Semiconductors MPC5643L Datasheet HTML 114Page - NXP Semiconductors MPC5643L Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
111
Figure 24. JTAG boundary scan timing
3.20.4
Nexus timing
Table 37. Nexus debug port timing1
1 JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is
measured from 50% of MCKO and 50% of the respective signal.
No.
Symbol
Parameter
Conditions Min
Max
Unit
1tMCYC
D MCKO Cycle Time
—
15.6
—
ns
2tMDC
D MCKO Duty Cycle
—
40
60
%
3tMDOV
D MCKO Low to MDO, MSEO, EVTO Data Valid2
2 For all Nexus modes except DDR mode, MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
—
–0.1
0.25 tMCYC
4tEVTIPW
DEVTI Pulse Width
—
4.0
—
tTCYC
5tEVTOPW
DEVTO Pulse Width
—
1
tMCYC
6tTCYC
D TCK Cycle Time3
—
62.5
—
ns
7tTDC
D TCK Duty Cycle
—
40
60
%
8tNTDIS, tNTMSS D TDI, TMS Data Setup Time
—
8
—
ns
9
tNTDIH, tNTMSH D TDI, TMS Data Hold Time
5
—
ns
10
tJOV
D TCK Low to TDO/RDY Data Valid
0
25
ns
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com