Electronic Components Datasheet Search
  English  ▼

X  

SMM105 Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMM105
Description  Single-Channel Supply Voltage Marginer and Active DC Output Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM105 Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMM105 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SMM105
Preliminary Information
Summit Microelectronics, Inc
2068 1.8 09/20/05
9
STATUS REGISTER
A status register exists for I
2C polling of the status of
the COMP1 and COMP2 inputs.
Two bits in this
status register reflect the current state of the inputs (1
= fault, 0 = no fault). Two additional bits show the
state of the inputs latched by one of two events
programmed in the configuration. The first event
option is the FAULT# output going active. The second
event option is the READY pin going low. The READY
pin is an I/O. As an output, the READY output pin
goes active when the DC controlled voltages are at
their set point. As an input programmed to active high,
it can be pulled low externally and latch the state of
the COMP inputs. This second event option allows
the state of the COMP inputs on multiple devices to be
latched at the same time while a host monitors their
FAULT# outputs.
MARGINING
The SMM105 has two additional Active DC Output
Control voltage settings: margin high and margin low.
The margin high and margin low settings can be as
much as
±10% of the nominal setting depending on
the manufacturer.
The SMM105 range can be as
large as VREF_CNTL to VDD. These settings are
stored in the configuration registers and are loaded
into the Active DC Output Control voltage setting by
margin commands issued via the I
2C bus. The device
must be enabled for Active DC Output Control in order
to enable margining.
The margin command registers contain two bits that
decode the commands to margin high, margin low, or
control to the nominal setting.
Once the SMM105
receives the command to margin the supply voltage, it
begins adjusting the supply voltage to move toward
the desired setting.
When this voltage setting is
reached, a bit is set in the margin status registers and
the READY signal becomes active. (Figure 5)
Note: Configuration writes or reads of registers 00HEX
to 03HEX should not be performed while the SMM105 is
margining.
WRITE PROTECTION
Write protection for the SMM105 is located in a volatile
register where the power-on state is defaulted to write
protect. There are separate write protect modes for the
configuration registers and memory. In order to
remove write protection, the code 55HEX is written to
the write protection register. Other codes will enable
write protection. For example, writing 59HEX will allow
writes to the configuration register but not to the
memory, while writing 35HEX will allow writes to the
memory but not to the configuration registers. The
SMM105 also features a Write Protect pin (WP# input)
which, when asserted, prevents writing to the
configuration registers and EE memory. In addition to
these two forms of write protection there is a
configuration
register
lock
bit
which,
once
programmed, does not allow the configuration
registers to be changed.
F
Figure 5 – SMM105 margin example. The nominal setting is 1.8V. The device margins the DC-DC converter
from nominal to high, 2.0V then to nominal, then to low, 1.6V. Next it margins to nominal then high and then
from high to low and to high again. The READY signals goes low when margining and high when complete.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com