Electronic Components Datasheet Search
  English  ▼

X  

SMM105 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMM105
Description  Single-Channel Supply Voltage Marginer and Active DC Output Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM105 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMM105 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SMM105
Preliminary Information
Summit Microelectronics, Inc
2068 1.8 09/20/05
4
PIN DESCRIPTIONS
QFN
Pad
Number
Ultra
CSP
TM
Ball
Number
Pin
Type
Pin Name
Pin Description
28
A3
DATA
SDA
I
2C Bi-directional data line
1
A1
CLK
SCL
I
2C clock input.
2
A2
I
A2
4
B2
I
A1
6
C2
I
A0
The address pins are biased either to VDD_CAP or GND. When
communicating with the SMM105 over the 2-wire bus these pins
provide a mechanism for assigning a unique bus address.
8
E1
I
WP#
Write Protect active low input. When asserted, writes to the
configuration registers and general purpose EE are not allowed.
10
E2
CAP
FILT_CAP
External capacitor input used to filter the VM input.
18
C5
CAP
TRIM_CAP
External capacitor input used for Active Control and margining.
20
B5
O
TRIM
Output voltage used to control and/or margin converter voltages.
Connect to the converter trim input.
14
E4
I
VM
Voltage monitor input. Connect to the DC-DC converter positive
sense line or its’ +Vout pin.
9
D2
I
VREF_CNTL
Voltage reference input used for DC output control and margining.
VREF_CNTL can be programmed to output the internal 1.25V
reference. Pin should be left open if using VREF internal
21
B4
PWR
VDD
Power supply of the part.
7
D1
GND
GND
Ground of the part. The SMM105 ground pin should be connected
to the ground of the device under control or to a star point ground.
PCB layout should take into consideration ground drops.
22
A5
PWR
12VIN
12V power supply input internally regulated to either 3.6V or 5.5V.
When using the 3.6V internal regulator option, the 12VIN input can
be as low as 8V. It can be as high as 15V using the 5.5V internal
regulator.
3
B1
I
START
Programmable active high/low input. The START input is used
solely for enabling Active Control and/or margining. There is also
a programmable start delay time, TSTART to delay ADOC/Margin
control.
5
C1
I/O
READY
Programmable active high/low open drain output indicates that VM
is at its set point. When programmed as an active high output,
READY can also be used as an input. When pulled low, it will latch
the state of the comparator inputs.
23
A4
CAP
VDD_CAP
External capacitor input used to filter the internal supply rail.
19
C4
I
COMP1
12
E3
I
COMP2
COMP1 and COMP2 are high impedance inputs, each connected
internally to a comparator and compared against the VREF_CNTL
input. Each comparator can be independently programmed to
monitor for UV or OV. The monitor level is set externally with a
resistive voltage divider.
11
D3
O
FAULT#
When either of the COMP1 or COMP2 inputs are in fault the open-
drain FAULT# output will be pulled low. A configuration option
exists to disable the FAULT# output while the device is margining.
13,15,16
17,24-27
B3,C3,
D4,D5,
E5
NC
NC
No Connect. Leave floating; do not connect anything to the NC
pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com