Electronic Components Datasheet Search
  English  ▼

X  

SMM105 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMM105
Description  Single-Channel Supply Voltage Marginer and Active DC Output Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM105 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMM105 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SMM105
Preliminary Information
Summit Microelectronics, Inc
2068 1.8 09/20/05
3
WP#
A0
A1
A2
SDA
SCL
VREF_CNTL
TRIM
TRIM_CAP
V+
V-
VM
12VIN
VDD_CAP
VDD
READY
START
COMP1
COMP2
OV/UV
OV/UV
FAULT#
Output
Control
MUX
V
REF
Input Voltage
Sensing and
Signal
Conditioning
EE
Configuration
Registers
& M emory
I2C Serial
Interface
3.6/5V
Regulator
Trim
Drive
Supply
Arbitration
Figure 3 – SMM105 Controller Internal Block Diagram.
PACKAGE AND PIN CONFIGURATION
1
28
21
20
19
18
17
16
15
22
23
24
25
26
27
2
3
4
5
6
7
14
13
SMM105
Pin 1
SCL
A2
START
A1
READY
A0
GND
VDD
TRIM
COMP1
TRIM_CAP
NC
NC
NC
12
11
10
9
8
INTERNAL BLOCK DIAGRAM
28 Pin QFN
Top View
A1
A2
A4
A3
B1
B2
B4
B3
C1
C2
C4
C3
D1
D2
D4
D3
E1
E2
E4
E3
SCL
A2
VDD_CAP
VDD
START
SDA
TRIM
A1
READY
NC
NC
GND VREF_CNTL FAULT#
NC
WP# FILT_CAP COMP2
VM
Pin 1
A5
B5
C5
D5
E5
12VIN
COMP1 TRIM_CAP
NC
NC
A0
25 Ball Ultra CSP
TM
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com