Electronic Components Datasheet Search
  English  ▼

X  

SMM105 Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SMM105
Description  Single-Channel Supply Voltage Marginer and Active DC Output Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM105 Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SMM105 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 21Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
SMM105
Preliminary Information
Summit Microelectronics, Inc
2068 1.8 09/20/05
18
DEFAULT CONFIGURATION REGISTER SETTINGS – SMM105NC-160
Register
Contents
Function
R00
02
Nominal Voltage is set to 1.800V (MSB)
R01
C7
Nominal Voltage is set to 1.800V (LSB)
R04
25
ADOC is enabled, Trim polarity is inverse, Fast Convergence, VREF External, Fault
Latched by a Fault Condition
R05
05
Slave address is 0101, Start Delay set to 0.2ms
R06
03
No Write Command Required to Activate ADOC, Internal Regulator set to 3.6V,
Fault Output Enabled While Margining, Configuration Registers Unlocked, COMP1
and COMP2 are set to sense OV
R08
00
Margin Command Bits
R0C
12
Stores VREF_CNTL value set to 1.25
R0D
50
Stores VREF_CNTL value set to 1.25
R20
02
Margin High Voltage is set to 1.902V (MSB)
R21
A1
Margin High Voltage is set to 1.902V (LSB)
R30
02
Margin Low Voltage is set to 1.702V (MSB)
R31
F0
Margin Low Voltage is set to 1.702V (LSB)
R40
80
Margin Command Status Bits
R41
03
READY and START pin Polarities set to Active High
R42
FF
Write Protect
R44
00
Fault Status Bits
RC1
The default device ordering number is SMM105NC-160, is programmed as described above
and tested over the commercial temperature range. Application Note 38 contains a
complete description of the Windows GUI and the default settings of each of the 16
individual Configuration Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com