Electronic Components Datasheet Search
  English  ▼

X  

SMM665B Datasheet(PDF) 18 Page - Summit Microelectronics, Inc.

Part # SMM665B
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665B Datasheet(HTML) 18 Page - Summit Microelectronics, Inc.

Back Button SMM665B Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 21Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 22Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
SMM665B
Preliminary Information
Summit Microelectronics, Inc
2089 1.1 10/20/04
18
RESTART
OF
POWER-ON
CASCADE
SEQUENCING
Once a Force Shutdown or Power-off operation has
completed, the SMM665B can restart the Power-on
cascade sequencing. The device can be programmed
to automatically restart after a Force Shutdown
provided the PWR_ON/OFF pin remains in the active
state or the I
2C Power-on command remains in the
command register. If this option is not selected, the
SMM665B requires toggling of the PWR_ON/OFF pin
or toggling of the I
2C commands by issuing a Power-
off command and then reissuing the Power-on
command in order to restart Power-on sequencing.
In either case, assertion of the FS pin will prevent the
SMM665B from restarting Power-on sequencing. In
addition, the device can be programmed to check that
VDD and the 12VIN are within their programmed
voltage
thresholds
before
restarting
Power-on
sequencing.
In cases where brownout conditions (Figure 10) or
loss of power are used to cause a sequence off of the
supplies or a Force Shutdown, it is best to toggle the
PWR_ON/OFF pin or use the I
2C Power commands
after the brownout condition is over or if the supplies
do not fully discharge before initiating a Power-on
sequence.
Recommended Use of the PWR_ON/OFF pin:
The PWR_ON/OFF pin is edge-triggered to lock out
false or nuisance signals during both the power-on
and power-off sequences. If during a system power-
down, whether deliberate or due to a failed power
system, the VDD_CAP voltage falls below 2.5V, the
SMM665B internal UVLO (UnderVoltage LockOut)
circuit resets all internal logic. Once power has
recovered above 2.6V the SMM665B will restart
assuming the PWR_ON/OFF pin is in the asserted
state or an I
2C power command is issued. The
SMM665B can be used with the PWR_ON/OFF pin
either toggled by a logic level, controlled by a software
command or tied either high or low as described in the
data sheet.
VDD_CAP
2.5V
3.6V, 5.5V
UVLO
(Internal)
2.6V
Figure 10 - Timing Sequence recovering from a VDD_CAP Power ‘Brown-Out’
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com