Electronic Components Datasheet Search
  English  ▼

X  

SMM665B Datasheet(PDF) 20 Page - Summit Microelectronics, Inc.

Part # SMM665B
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665B Datasheet(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button SMM665B Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 21Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 22Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 23Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 24Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
SMM665B
Preliminary Information
Summit Microelectronics, Inc
2089 1.1 10/20/04
20
TRIM
A
VM
A+
TRIM
B
VM
B+
SMM665B
IR
iP1202
VSW1
SDA
SCL
I2C BUS
12V
12V
CS
FB1
VOUT1
1.5V
FB1S
Rtrim
1.6K
VSW2
FB2
VOUT2
2.5V
FB2S
Rtrim
3.3K
Not all components Shown
For interface purposes only
Part designators are from
the International Rectifier
iP1202 Demo board .
SS2
PUP
A
SS1
PUP
B
R9
R7
C8
C7
R10
R8
Figure 12 – The SMM665B can be used to sequence and control discrete DC switching regulators. The ADOC
function sets the output voltage of the IR iP1202 Regulator through the FBX feedback pins. Accuracy is
improved even under full load, essentially acting as a “SENSE” pin. The sequence function is applied
through the iP1202 SSX soft start pins.
Figure 13 – Ch1 is set to 2.5V and Ch2 is set to
1.5V on the ip1202 board. Ch1 is set to sequence
on first followed by Ch2 after 50ms. Then Ch1 is
margined high while Ch2 is margined low. Ch2 is
then sequenced off followed by Ch1 after 50ms.
Figure 14 – This is the same sequencing-on
function but with a shorter delay between
channels, the HEALTHY and RESET flags are also
shown.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com