Electronic Components Datasheet Search
  English  ▼

X  

SMM665B Datasheet(PDF) 23 Page - Summit Microelectronics, Inc.

Part # SMM665B
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665B Datasheet(HTML) 23 Page - Summit Microelectronics, Inc.

Back Button SMM665B Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 21Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 22Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 23Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 24Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 25Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 26Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 27Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
SMM665B
Preliminary Information
Summit Microelectronics, Inc
2089 1.1 10/20/04
23
WRITE PROTECTION
The SMM665B powers up into a write protected mode.
Writing a code to the volatile write protection register
can disable the write protection. The write protection
register is located at address 87HEX of slave address
1001BIN.
Writing 0101BIN to bits [7:4] of the write protection
register allow writes to the general-purpose memory
while writing 0101BIN to bits [3:0] allow writes to the
configuration registers. The write protection can re-
enable by writing other codes (not 0101BIN) to the write
protection register.
Writing to the write protection
register is shown in Figure 16.
CONFIGURATION REGISTERS
The majority of the configuration registers are grouped
with the general-purpose memory located at either
slave address 1010BIN or 1011BIN. The bus address
bits, A[1:0], used to differentiate the general-purpose
memory from the configuration registers are set to
11BIN. Bus address bit A[2] can be programmed as
either 0 or biased by the A2 pin.
Two additional configuration registers are located at
addresses 83HEX and 84HEX of slave address 1001BIN.
Writing and reading the configuration registers is
shown in Figures 17, 18, 19, 20 and 21
Note: Configuration writes or reads of registers 00HEX
to 0FHEX should not be performed while the SMM665B
is margining.
GENERAL-PURPOSE MEMORY
The 4k-bit general-purpose memory is located at
either slave address 1010BIN or 1011BIN. The bus
address bits, A[1:0], used to differentiate the general-
purpose memory from the configuration registers are
set to 00BIN for the first 2k-bits and 01BIN for the second
2k-bits. Bus address bit A[2] can be programmed as
either 0 or biased by the A2 pin. The word address
must be set each time the memory is accessed.
Memory writes and reads are shown in Figures 22, 23
and 24.
COMMAND AND STATUS REGISTERS
The command and status registers are located at
slave address 1001BIN.
Writes and reads of the
command and status registers are shown in Figures
25 and 26.
ADC CONVERSIONS
An ADC conversion on any monitored channel can be
performed and read over the I
2C bus using the ADC
read command. The ADC read command, shown in
Figure 27, starts with a dummy write to the 1001BIN
slave address. Bits [6:3] of the word address byte are
used to address the desired monitored input. Once
the device acknowledges the channel address, it
begins the ADC conversion of the addressed input.
This conversion requires 70
µs to complete. During
this conversion time, acknowledge polling can be
used.
The SMM665B will not acknowledge the
address bytes until the conversion is complete. When
the conversion has completed, the SMM665B will
acknowledge the address byte and return the 10-bit
conversion along with a 4-bit channel address echo.
GRAPHICAL USER INTERFACE (GUI)
Device configuration utilizing the Windows based
SMM665B graphical user interface (GUI) is highly
recommended. The software is available from the
Summit website at:
(http://www.summitmicro.com/tech_support/tech.htm#
GUI.
Using the GUI in conjunction with this datasheet and
Application Note 33, simplifies the process of device
prototyping and the interaction of the various
functional blocks. A programming Dongle (SMX3200)
is available from Summit to communicate with the
SMM665B. The Dongle connects directly to the
parallel port of a PC and programs the device through
a cable using the I
2C bus protocol.
Slave Address Bus Address Register Type
1001BIN
A2 A1 A0
Write Protection Register,
Command and Status Registers,
Two Configuration Registers,
ADC Conversion Readout
A2 0 0
1
st 2-k Bits of General-Purpose Memory
A2 0 1
2
nd 2-k Bits of General-Purpose Memory
1010BIN
or
1011BIN
A2 1 1
Configuration Registers
Table 1 - Address bytes used by the SMM665B.
I2C PROGRAMMING INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com