Electronic Components Datasheet Search
  English  ▼

X  

SMM665B Datasheet(PDF) 19 Page - Summit Microelectronics, Inc.

Part # SMM665B
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM665B Datasheet(HTML) 19 Page - Summit Microelectronics, Inc.

Back Button SMM665B Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 21Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 22Page - Summit Microelectronics, Inc. SMM665B Datasheet HTML 23Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
SMM665B
Preliminary Information
Summit Microelectronics, Inc
2089 1.1 10/20/04
19
Figure 11 – SMM665B Distributed power applications schematic. The accuracy of the external reference
(U10) sets the accuracy of the ADOC function. Total accuracy with a ±0.1% external reference is ±0.2%.
APPLICATIONS INFORMATION (CONTINUED)
SMM665B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com