Electronic Components Datasheet Search
  English  ▼

X  

BLF571 Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF571
Description  HF / VHF power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF571 Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF571 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BLF571#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
3 of 14
BLF571
HF / VHF power LDMOS transistor
6. Characteristics
Table 6.
DC characteristics
Tj = 25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown
voltage
VGS = 0 V; ID = 0.25 mA
110
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 25 mA
1.25
1.7
2.25
V
VGSq
gate-source quiescent voltage VDS = 50 V; ID = 50 mA
1.25
1.75
2.25
V
IDSS
drain leakage current
VGS = 0 V; VDS = 50 V
-
-
1.4
A
IDSX
drain cut-off current
VGS = VGS(th) + 3.75 V;
VDS = 10 V
3.0
3.6
-
A
IGSS
gate leakage current
VGS = 11 V; VDS = 0 V
-
-
140
nA
gfs
forward transconductance
VDS = 10 V; ID = 1.25 A
-
1.8
-
S
RDS(on)
drain-source on-state
resistance
VGS = VGS(th) + 3.75 V;
ID = 833 mA
-
1.34
-
Crs
feedback capacitance
VGS = 0 V; VDS = 50 V;
f = 1 MHz
-
0.18
-
pF
Ciss
input capacitance
VGS = 0 V; VDS = 50 V;
f = 1 MHz
-
22.9
-
pF
Coss
output capacitance
VGS = 0 V; VDS = 50 V;
f = 1 MHz
-
9.64
-
pF
Table 7.
RF characteristics
Mode of operation: CW; f = 225 MHz; RF performance at VDS = 50 V; IDq = 50 mA; Tcase = 25 C;
unless otherwise specified; in a class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 20 W
25.5
27.5
29.5
dB
RLin
input return loss
PL = 20 W
10
13
-
dB
D
drain efficiency
PL = 20 W
67
70
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com