Electronic Components Datasheet Search
  English  ▼

X  

BLF571 Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLF571
Description  HF / VHF power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF571 Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLF571 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BLF571#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
7 of 14
BLF571
HF / VHF power LDMOS transistor
8.1.2 2-Tone CW
VDS = 50 V; IDq = 50 mA; f = 225 MHz.
(1) PL(1dB) = 43.3 dBm (21.4 W)
(2) PL(3dB) = 44 dBm (25.1 W)
Fig 6.
Load power as function of input power; typical values
Pi (dBm)
13
21
19
15
17
001aaj176
44
46
42
48
50
PL
(dBm)
40
(1)
(2)
ideal PL
PL
VDS = 50 V; IDq = 50 mA; f1 = 224.95 MHz;
f2 = 225.05 MHz.
VDS = 50 V; f1 = 224.95 MHz; f2 = 225.05 MHz.
(1) IDq = 20 mA
(2) IDq = 40 mA
(3) IDq = 50 mA
(4) IDq = 60 mA
(5) IDq = 80 mA
Fig 7.
Power gain and drain efficiency as function of
peak envelope load power; typical values
Fig 8.
Third order intermodulation distortion as a
function of peak envelope load power; typical
values
001aaj177
PL(PEP) (W)
030
20
10
26
24
28
30
Gp
(dB)
ηD
(%)
22
40
20
60
80
0
Gp
ηD
PL(PEP) (W)
030
20
10
001aaj178
−40
−20
0
IMD3
(dBc)
−60
(2)
(3)
(4)
(5)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com