Electronic Components Datasheet Search
  English  ▼

X  

BLF571 Datasheet(PDF) 10 Page - Ampleon Netherlands B.V.

Part # BLF571
Description  HF / VHF power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF571 Datasheet(HTML) 10 Page - Ampleon Netherlands B.V.

Back Button BLF571 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 14Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BLF571#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
10 of 14
BLF571
HF / VHF power LDMOS transistor
9. Package outline
Fig 11. Package outline SOT467C
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT467C
99-12-28
12-05-02
0
5
10 mm
scale
Flanged ceramic package; 2 mounting holes; 2 leads
0.15
0.10
5.59
5.33
9.25
9.04
1.65
1.40
18.54
17.02
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)
3.43
3.18
4.67
3.94
2.21
1.96
D
D1
U1
1
3
2
A
U2
E
E1
p
b
H
Q
F
c
UNIT
Q
cD
9.27
9.02
D1
5.92
5.77
E
5.97
5.72
E1
FH
p
q
mm
0.184
0.155
inch
b
14.27 20.45
20.19
U2
U1
5.97
5.72
0.25
w1
0.51
0.006
0.004
0.220
0.210
0.364
0.356
0.065
0.055
0.73
0.67
0.135
0.125
0.087
0.077
0.365
0.355
0.233
0.227
0.235
0.225
0.562 0.805
0.795
0.235
0.225 0.010 0.020
w2
A
M
M
C
C
A
w1
w2
AB
M
M
M
q
B
SOT467C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com