Electronic Components Datasheet Search
  English  ▼

X  

BLF571 Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLF571
Description  HF / VHF power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF571 Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLF571 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF571 Datasheet HTML 12Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BLF571#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
8 of 14
BLF571
HF / VHF power LDMOS transistor
8.2 Test circuit
[1]
American Technical Ceramics type 100B or capacitor of same quality.
[2]
Printed-Circuit Board (PCB): Rogers 5880;
r = 2.2 F/m; height = 0.79 mm; Cu (top/bottom metallization);
thickness copper plating = 35
m.
Table 9.
List of components
All capacitors should be soldered vertically. For test circuit, see Figure 9 and Figure 10.
Component
Description
Value
Remarks
C1, C3, C4,
C5, C14
multilayer ceramic chip capacitor 100 pF
[1]
C2
multilayer ceramic chip capacitor 39 pF
[1]
C6
multilayer ceramic chip capacitor 68 pF
[1]
C7, C9
multilayer ceramic chip capacitor 1 nF
[1]
C8
multilayer ceramic chip capacitor 4.7
F
TDK C4532X7R1E475MT020U or equivalent
C10
multilayer ceramic chip capacitor 8.2 pF
[1]
C11
electrolytic capacitor
220
F
C12
multilayer ceramic chip capacitor 33 pF
[1]
C13
multilayer ceramic chip capacitor 15 pF
[1]
L1
1 turn enamelled copper wire
D = 5.5 mm;
d = 1 mm;
length = 1 mm
L2
2 turns enamelled copper wire
D = 3.5 mm;
d = 1 mm;
length = 3 mm
L3
5 turns enamelled copper wire
D = 6 mm;
d = 1 mm;
length = 5 mm
L4
3.3 turns enamelled copper wire
D = 3 mm;
d = 1 mm;
length = 4 mm
L5
3 turns enamelled copper wire
D = 3 mm;
d = 1 mm;
length = 3 mm
L6
stripline
-
[2] (L
 W) 16.5 mm  2.4 mm
L7, L8, L10,
L11, L17, L19,
L20
stripline
-
[2] (L
 W) 3.0 mm  5.0 mm
L9
stripline
-
[2] (L
 W) 43.0 mm  2.4 mm
L12, L15
stripline
-
[2] (L
 W) 3.5 mm  2.4 mm
L13, L14
stripline
-
[2] (L
 W) 8.0 mm  8.0 mm
L16
stripline
-
[2] (L
 W) 3.0 mm  5.9 mm
L18
stripline
-
[2] (L
 W) 27.0 mm  2.4 mm
L21
stripline
-
[2] (L
 W) 28.5 mm  2.4 mm
R1
metal film resistor
1000
; 0.6 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com