Electronic Components Datasheet Search
  English  ▼

X  

BLF574 Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLF574
Description  HF / VHF power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF574 Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLF574 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
BLF574
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 1 December 2016
7 of 19
BLF574
HF / VHF power LDMOS transistor
7.1.3 Application circuit
[1]
American Technical Ceramics type 100B or capacitor of same quality.
Table 8.
List of components
For application circuit, see Figure 7.
Printed-Circuit Board (PCB): Rogers 5880;
r = 2.2 F/m; height = 0.79 mm; Cu (top/bottom
metallization); thickness copper plating = 35
m.
Component Description
Value
Remarks
C1, C2,
C23, C24
multilayer ceramic chip capacitor 100 pF
[1]
C3
multilayer ceramic chip capacitor 24 pF
[1]
C4, C5
multilayer ceramic chip capacitor 39 pF
[1]
C6, C9
multilayer ceramic chip capacitor 4.7
F
TDK4532X7R1E475Mt020U
C7, C8,
C10, C11
multilayer ceramic chip capacitor 1 nF
[1]
C12, C16
electrolytic capacitor
220
F; 63 V
C13, C15
multilayer ceramic chip capacitor 62 pF
[1]
C14
multilayer ceramic chip capacitor 15 pF
[1]
C17, C19
multilayer ceramic chip capacitor 47 pF
[1]
C18
multilayer ceramic chip capacitor 33 pF
[1]
C20, C22
multilayer ceramic chip capacitor 10 pF
[1]
C21
multilayer ceramic chip capacitor 18 pF
[1]
L1, L2,
L3, L4
3 turns 1 mm copper wire
D = 3 mm;
length = 3 mm
L5, L6
stripline
-
(L
 W) 125 mm  7mm
L7, L8,
L9, L10
stripline
-
(L
 W) 8 mm  15 mm
L11, L12
stripline
-
(L
 W) 132 mm  7mm
R1, R2
metal film resistor
10
; 0.6 W
R3, R4
metal film resistor
3
; 0.6 W
T1, T2,
T3, T4
semi rigid coax
50
; 120 mm
EZ-141-AL-TP-M17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com