Electronic Components Datasheet Search
  English  ▼

X  

BLF574 Datasheet(PDF) 16 Page - Ampleon Netherlands B.V.

Part # BLF574
Description  HF / VHF power LDMOS transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF574 Datasheet(HTML) 16 Page - Ampleon Netherlands B.V.

Back Button BLF574 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 15Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 16Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 17Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 18Page - Ampleon Netherlands B.V. BLF574 Datasheet HTML 19Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
BLF574
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 1 December 2016
16 of 19
BLF574
HF / VHF power LDMOS transistor
10. Handling information
[1]
HBM classification 2 is granted to any part that passes after exposure to an ESD pulse of 2000 V, but fails
after exposure to an ESD pulse of 4000 V.
11. Abbreviations
12. Revision history
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
Table 11.
ESD sensitivity
ESD model
Class
Human Body Model (HBM); According to ANSI/ESDA/JEDEC standard JS-001
2 [1]
Table 12.
Abbreviations
Acronym
Description
CW
Continuous Wave
EDGE
Enhanced Data rates for GSM Evolution
GSM
Global System for Mobile communications
HF
High Frequency
LDMOS
Laterally Diffused Metal-Oxide Semiconductor
LDMOST
Laterally Diffused Metal-Oxide Semiconductor Transistor
RF
Radio Frequency
TTF
Time To Failure
VHF
Very High Frequency
VSWR
Voltage Standing-Wave Ratio
Table 13.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BLF574 v.4
20161201
Product data sheet
-
BLF574_3
Modifications:
• Section 10 on page 16: updated Handling information
BLF574_3
20150901
Product data sheet
-
BLF574_2
BLF574_2
20090224
Product data sheet
-
BLF574_1
BLF574_1
20081208
Preliminary data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com